データシートサーチシステム |
|
VNH5050ATR-E データシート(PDF) 6 Page - STMicroelectronics |
|
VNH5050ATR-E データシート(HTML) 6 Page - STMicroelectronics |
6 / 33 page Block diagram and pin description VNH5050A-E 6/33 Doc ID 16009 Rev 10 Figure 2. Configuration diagram (top view) Table 3. Suggested connections for unused and not connected pins Connection / pin Current sense N.C. SOURCE_HSx DRAIN_LSx INPUTx, PWM DIAGx/ENx CS_DIS Floating Not allowed X X X X To ground Through 1 k Ω resistor XNot allowed X Through 10 k Ω resistor Table 4. Pin definitions and functions Pin N° Symbol Function 13, 24 VCC, Heat slug1 Drain of high-side switches and power supply voltage. 18 NC Not connected. 15 INA Clockwise input. 16 ENA/DIAGA Status of high-side and low-side switches A; Open drain output. 17 IN_PWM PWM input. 19 CS Output of current sense. 1 CS 19 ENA/DIAGA GND_B ENB/DIAGB CS_DIS 18 INA SOURCE HSB GND_B Slug1 Slug2 Slug3 36 SOURCE HSA DRAIN LSA SOURCE HSA SOURCE HSA VCC VCC SOURCE HSB SOURCE HSB DRAIN LSB GND_B GND_B DRAIN LSB GND_A IN_PWM NC SOURCE HSB GND_B GND_B DRAIN LSA GND_A GND_A GND_A GND_A GND_A SOURCE HSA SOURCE HSB INB SOURCE HSA |
同様の部品番号 - VNH5050ATR-E |
|
同様の説明 - VNH5050ATR-E |