データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN224CMLX データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 FIN224CMLX
部品情報  24-Bit Low-Power Serializer/Deserializer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN224CMLX データシート(HTML) 6 Page - Fairchild Semiconductor

  FIN224CMLX Datasheet HTML 1Page - Fairchild Semiconductor FIN224CMLX Datasheet HTML 2Page - Fairchild Semiconductor FIN224CMLX Datasheet HTML 3Page - Fairchild Semiconductor FIN224CMLX Datasheet HTML 4Page - Fairchild Semiconductor FIN224CMLX Datasheet HTML 5Page - Fairchild Semiconductor FIN224CMLX Datasheet HTML 6Page - Fairchild Semiconductor FIN224CMLX Datasheet HTML 7Page - Fairchild Semiconductor FIN224CMLX Datasheet HTML 8Page - Fairchild Semiconductor FIN224CMLX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN224C • Rev. 1.0.9
6
Electrical Specifications
Values valid for over supply voltage and operating temperature ranges unless otherwise specified. Typical values are tested
at TA = 25°C and VDD = 2.775V.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DC Parallel I/O Characteristics
VIH
Input High Voltage
0.65 x VDDP
VDDP
V
VIL
Input Low Voltage
GND
0.35 x VDDP
V
VOH
Output High Voltage
IOH = -2.0mA
VDDP = 3.3±0.30V
0.75 x VDDP
V
VDDP = 2.5±0.20V
VDDP = 1.8±0.18V
VOL
Output Low Voltage
IOH = -2.0mA
VDDP = 3.3±0.30V
0.25 x VDDP
V
VDDP = 2.5±0.20V
VDDP = 1.8±0.18V
IIN
Input Current
-5
5
µA
DC Serial Characteristics
IODH
Output High Source Current
-1.75
mA
IODL
Output Low Source Current
0.95
mA
IOZ
Disabled Output Leakage Current
CKSO, DSO = 0V to VDDS,
S2 = S1 = 0V
±1
±5
µA
IIZ
Disabled Input Leakage Current
CKSO, DSO = 0V to VDDS,
S2 = S1 = 0V
±1
±5
RTRM
CKSI, DS Internal Receiver Termination Resistor
100
Ω
Z
Serial Transmission Line Impedance
70
100
130
Ω
Power Characteristics
IDDA/SSER VDDA, VDDS Serializer Static Current
All DP and Control Inputs at 0V or No
CKREF, DIRI = 1
4.5
mA
IDDA/SDES VDDA, VDDS Derializer Static Current
All DP and Control Inputs at 0V or No
CKREF, DIRI = 0
5
mA
IDDSER
Dynamic Serializer Current
IDDSER = IDDA + IDDS + IDDP
CKREF = STROBE, DIRI = 1
10MHz
11
mA
20MHz
15
mA
IDDDES
Dynamic Deserializer Current
IDDSER = IDDA + IDDS + IDDP
CKREF = STROBE, DIRI = 0
10MHz
7
mA
20MHz
10
mA
IDD_PD
VDD Power-Down Current
IDD_PD = IDDA + IDDS + IDDP
S1 = S2 = 0 All Inputs at GND or VDD
0.1
µA
AC Serializer, DIRI = 1 Specifications
fMAX
Maximum CKREF Frequency
2
20
MHz
fREF
CKREF Frequency Relative to
STROBE
1.1 x fSTROBE
20
MHz
tCPWH
CKREF Clock HIGH Time
0.2
0.5
T
tCPWL
CKREF Clock LOW Time
0.2
0.5
T
tCLKT
LVCMOS Input Transition Time
90
ns
tSPWH
STROBE Pulse Width HIGH/LOW
(Tx4) / 26
(Tx22) / 26
ns
tSTC
DP[n] Setup to STROBE
t
STC
t
HTC
STROBE
DP[24:1]
t
STC
t
HTC
t
STC
t
HTC
STROBE
DP[24:1]
2.5
ns
tHTC
DP[n] Hold to STROBE
2.0
ns


同様の部品番号 - FIN224CMLX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224ACGFX FAIRCHILD-FIN224ACGFX Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224ACGFX FAIRCHILD-FIN224ACGFX Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
More results

同様の説明 - FIN224CMLX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN324C FAIRCHILD-FIN324C_08 Datasheet
930Kb / 19P
   24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
FIN324C FAIRCHILD-FIN324C Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
FIN24C FAIRCHILD-FIN24C_06 Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103 NSC-DS99R103 Datasheet
890Kb / 22P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 NSC-DS99R105 Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R103 TI1-DS99R103_14 Datasheet
1Mb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS90C241_0608 NSC-DS90C241_0608 Datasheet
900Kb / 21P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103_0710 NSC-DS99R103_0710 Datasheet
924Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com