データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD6N50TM データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FDD6N50TM
部品情報  500V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6N50TM データシート(HTML) 1 Page - Fairchild Semiconductor

  FDD6N50TM_10 Datasheet HTML 1Page - Fairchild Semiconductor FDD6N50TM_10 Datasheet HTML 2Page - Fairchild Semiconductor FDD6N50TM_10 Datasheet HTML 3Page - Fairchild Semiconductor FDD6N50TM_10 Datasheet HTML 4Page - Fairchild Semiconductor FDD6N50TM_10 Datasheet HTML 5Page - Fairchild Semiconductor FDD6N50TM_10 Datasheet HTML 6Page - Fairchild Semiconductor FDD6N50TM_10 Datasheet HTML 7Page - Fairchild Semiconductor FDD6N50TM_10 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©20
10 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FDD6N50
TM_F085 Rev. C1
FDD6N50TM_F085
500V N-Channel MOSFET
Features
• 6A, 500V, RDS(on) = 0.9Ω @VGS = 10 V
• Low gate charge ( typical 12.8 nC)
•Low Crss ( typical 9 pF)
Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary, planar
stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the avalanche
and commutation mode. These devices are well suited for high
efficient switched mode power supplies and active power factor
correction.
D-PAK
GS
D
D
G
S
Absolute Maximum Ratings
Symbol
Parameter
Ratings
Unit
VDSS
Drain-Source Voltage
500
V
ID
Drain Current
- Continuous (TC = 25°C)
- Continuous (TC = 100°C)
6
3.8
A
A
IDM
Drain Current
- Pulsed
(Note 1)
24
A
VGSS
Gate-Source voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
270
mJ
IAR
Avalanche Current
(Note 1)
6
A
EAR
Repetitive Avalanche Energy
(Note 1)
8.9
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation
(TC = 25°C)
- Derate above 25
°C
89
0.71
W
W/
°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
°C
Thermal Characteristics
Symbol
Parameter
Min.
Max.
Unit
RθJC
Thermal Resistance, Junction-to-Case
--
1.4
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
83
°C/W
• 100% avalanche tested
• Improved dv/dt capability
•Fast switching
•RoHS Compliant
• Qualified to AEC Q101
Novemb
er 2010


同様の部品番号 - FDD6N50TM_10

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD6N50TM-WS FAIRCHILD-FDD6N50TM-WS Datasheet
463Kb / 9P
   N-Channel UniFETTM MOSFET500 V, 6 A, 900 m廓
FDD6N50TMF085 FAIRCHILD-FDD6N50TMF085 Datasheet
463Kb / 9P
   N-Channel UniFETTM MOSFET500 V, 6 A, 900 m廓
FDD6N50TM_F085 FAIRCHILD-FDD6N50TM_F085 Datasheet
946Kb / 8P
   Improved dv/dt capability
More results

同様の説明 - FDD6N50TM_10

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com