データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FGB3040CS データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FGB3040CS
部品情報  EcoSPARKTM 300mJ, 400V, N-Channel Current Sensing Ignition IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGB3040CS データシート(HTML) 2 Page - Fairchild Semiconductor

  FGB3040CS_12 Datasheet HTML 1Page - Fairchild Semiconductor FGB3040CS_12 Datasheet HTML 2Page - Fairchild Semiconductor FGB3040CS_12 Datasheet HTML 3Page - Fairchild Semiconductor FGB3040CS_12 Datasheet HTML 4Page - Fairchild Semiconductor FGB3040CS_12 Datasheet HTML 5Page - Fairchild Semiconductor FGB3040CS_12 Datasheet HTML 6Page - Fairchild Semiconductor FGB3040CS_12 Datasheet HTML 7Page - Fairchild Semiconductor FGB3040CS_12 Datasheet HTML 8Page - Fairchild Semiconductor FGB3040CS_12 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
FGB3040CS Rev. C1
www.fairchildsemi.com
2
Package Marking and Ordering Information
Electrical Characteristics T
A = 25°C unless otherwise noted
Off State Characteristics
On State Characteristics
Dynamic Characteristics
Switching Characteristics
Thermal Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
3040CS
FGB3040CS
TO-263 6 Lead
300mm
24mm
800
3040CS
FGB3040CS
TO-263 6 Lead
Tube
N/A
50
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
BVCER Collector to Emitter Breakdown Voltage
ICE = 2mA, VGE = 0,
RGE = 1KΩ, See Fig. 17
TJ = -40 to 150oC
370
410
430
V
BVCES
Collector to Emitter Breakdown Voltage
ICE = 10mA, VGE = 0V
RGE = 0, See Fig. 17
TJ = -40 to 150oC
390
430
450
V
BVECS
Emitter to Collector Breakdown Voltage
ICE = -75mA, VGE = 0V,
TC = 25°C
30
-
-
V
BVGES Gate to Emitter Breakdown Voltage
IGES = ±2mA
±12
±14
-
V
IGEO
Gate to Emitter Leakage Current
VGE = ±10V
-
-
±9
μA
ICES
Collector to Emitter Leakage Current
VCES = 250V,
See Fig. 13
TC = 25oC-
-
25
μA
TC = 150oC-
-
1
mA
IECS
Emitter to Collector Leakage Current
VEC = 24V,
See Fig. 13
TC = 25oC
-
-
1
mA
TC = 150oC-
-
40
R1
Series Gate Resistance
-
100
-
Ω
VCE(SAT) Collector to Emitter Saturation Voltage ICE = 6A, VGE = 4V
TC = 25oC
See Fig. 5
-1.3
1.6
V
VCE(SAT) Collector to Emitter Saturation Voltage ICE = 10A, VGE = 4.5V
TC = 150oC
See Fig. 6
-
1.6
1.85
V
VCE(SAT) Collector to Emitter Saturation Voltage ICE = 15A, VGE = 4.5V
TC = 150oC-
1.8
2.35
V
ICE(ON) Collector to Emitter On State Current
VCE = 5V, VGE = 5V
-
37
-
A
QG(ON) Gate Charge
ICE = 10A, VCE = 12V,
VGE = 5V, See Fig. 16
-15
-
nC
VGE(TH) Gate to Emitter Threshold Voltage
ICE = 1mA, VCE = VGE
See Fig. 12
TC = 25oC
1.3
1.6
2.2
V
TC = 150oC
0.75
1.1
1.8
VGEP
Gate to Emitter Plateau Voltage
ICE = 10A, VCE = 12V
-
3.0
-
V
βAREA
Emitter Sense Area Ratio
Sense Area/Total Area
-
1/200
-
-
β
Emitter Current Sense Ratio
ICE = 8.0A, VGE = 5V, RSENSE = 5 Ω
-
230
-
-
β20Ω
Emitter Current Sense Ratio
ICE = 9.0A, VGE = 5V, RSENSE = 20 Ω
550
640
765
-
td(ON)R Current Turn-On Delay Time-Resistive VCE = 14V, RL = 1Ω
VGE = 5V, RG = 1KΩ
TJ = 25°C, See Fig. 14
-0.6
4
μs
trR
Current Rise Time-Resistive
-
1.5
7
μs
td(OFF)L Current Turn-Off Delay Time-Inductive VCE = 300V, L = 500μHy,
VGE = 5V, RG = 1KΩ
TJ = 25°C, See Fig. 14
-4.7
15
μs
tfL
Current Fall Time-Inductive
-
2.6
15
μs
SCIS
Self Clamped inductive Switching
TJ = 25°C, L = 3.0mHy, ICE = 14.2A,
RG = 1k Ω, VGE = 5V, See Fig. 3&4
-
-
300
mJ
RθJC
Thermal Resistance Junction to Case All Packages
-
-
1.0
oC/W


同様の部品番号 - FGB3040CS_12

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FGB3040CS FAIRCHILD-FGB3040CS Datasheet
428Kb / 9P
   EcoSPARKTM 300mJ, 400V, N-Channel Current Sensing Ignition IGBT
More results

同様の説明 - FGB3040CS_12

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FGB3040CS FAIRCHILD-FGB3040CS Datasheet
428Kb / 9P
   EcoSPARKTM 300mJ, 400V, N-Channel Current Sensing Ignition IGBT
ISL9V3040D3S FAIRCHILD-ISL9V3040D3S Datasheet
196Kb / 8P
   EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
ISL9V3040D3S FAIRCHILD-ISL9V3040D3S_04 Datasheet
172Kb / 8P
   EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S_04 Datasheet
170Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S Datasheet
200Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
logo
Unisonic Technologies
ISL9V3040D3S UTC-ISL9V3040D3S Datasheet
168Kb / 4P
   300mJ, 400V, N-CHANNEL IGNITION IGBT
logo
Fairchild Semiconductor
ISL9V2040D3S FAIRCHILD-ISL9V2040D3S_04 Datasheet
165Kb / 8P
   EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
FGD3040G2 FAIRCHILD-FGD3040G2 Datasheet
664Kb / 10P
   EcoSPARK짰2 300mJ, 400V, N-Channel Ignition IGBT
logo
ON Semiconductor
FGD3050G2 ONSEMI-FGD3050G2 Datasheet
758Kb / 7P
   EcoSPARKTM 2 300mJ, 500V, N-Channel Ignition IGBT
May, 2017, Rev. 1.0
logo
Fairchild Semiconductor
ISL9V2040D3S FAIRCHILD-ISL9V2040D3S Datasheet
195Kb / 8P
   EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com