データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HUFA75639S3ST データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 HUFA75639S3ST
部品情報  56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75639S3ST データシート(HTML) 5 Page - Fairchild Semiconductor

  HUFA75639S3ST Datasheet HTML 1Page - Fairchild Semiconductor HUFA75639S3ST Datasheet HTML 2Page - Fairchild Semiconductor HUFA75639S3ST Datasheet HTML 3Page - Fairchild Semiconductor HUFA75639S3ST Datasheet HTML 4Page - Fairchild Semiconductor HUFA75639S3ST Datasheet HTML 5Page - Fairchild Semiconductor HUFA75639S3ST Datasheet HTML 6Page - Fairchild Semiconductor HUFA75639S3ST Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 11. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 12. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Fairchild Application Notes AN7254 and AN7260.
FIGURE 13. GATE CHARGE WAVEFORMS FOR CONSTANT GATE CURRENT
Typical Performance Curves (Continued)
0
0.5
1.0
1.5
2.0
2.5
3.0
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
PULSE DURATION = 80
µs
VGS = 10V, ID = 56A
DUTY CYCLE = 0.5% MAX
0.6
0.8
1.0
1.2
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
0.9
1.2
TJ, JUNCTION TEMPERATURE (
oC)
1.0
1.1
-80
-40
0
40
80
120
160
200
ID = 250µA
0
500
1000
1500
2000
2500
3000
0
1020
30
4050
60
CISS
CRSS
COSS
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS CDS + CGD
0
2
4
6
8
10
0
10
203040
50
60
Qg, GATE CHARGE (nC)
ID = 56A
ID = 37A
ID = 18A
WAVEFORMS IN
DESCENDING ORDER:
VDD = 50V
HUFA75639S3ST_F085A
©2012 Fairchild Semiconductor Corporation
HUFA75639S3ST_F085A Rev. C1


同様の部品番号 - HUFA75639S3ST

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUFA75639S3S FAIRCHILD-HUFA75639S3S Datasheet
221Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
More results

同様の説明 - HUFA75639S3ST

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUFA75639G3 FAIRCHILD-HUFA75639G3 Datasheet
221Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HUF75639G3 FAIRCHILD-HUF75639G3 Datasheet
229Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HUF75639S3ST FAIRCHILD-HUF75639S3ST Datasheet
234Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75639G3 INTERSIL-HUF75639G3 Datasheet
370Kb / 9P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HAF70009 INTERSIL-HAF70009 Datasheet
107Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
August 1999
logo
Fairchild Semiconductor
HUF75639S3R4851 FAIRCHILD-HUF75639S3R4851 Datasheet
204Kb / 10P
   56A, 115V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HUF75639S3R4851 INTERSIL-HUF75639S3R4851 Datasheet
136Kb / 10P
   56A, 115V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
HUF76129P3 INTERSIL-HUF76129P3 Datasheet
108Kb / 10P
   56A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76129P3 FAIRCHILD-HUF76129P3 Datasheet
289Kb / 11P
   56A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76429P3 FAIRCHILD-HUFA76429P3 Datasheet
208Kb / 10P
   44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com