データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HUFA76407DK8T データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 HUFA76407DK8T
部品情報  3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET짰 Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76407DK8T データシート(HTML) 2 Page - Fairchild Semiconductor

  HUFA76407DK8T_10 Datasheet HTML 1Page - Fairchild Semiconductor HUFA76407DK8T_10 Datasheet HTML 2Page - Fairchild Semiconductor HUFA76407DK8T_10 Datasheet HTML 3Page - Fairchild Semiconductor HUFA76407DK8T_10 Datasheet HTML 4Page - Fairchild Semiconductor HUFA76407DK8T_10 Datasheet HTML 5Page - Fairchild Semiconductor HUFA76407DK8T_10 Datasheet HTML 6Page - Fairchild Semiconductor HUFA76407DK8T_10 Datasheet HTML 7Page - Fairchild Semiconductor HUFA76407DK8T_10 Datasheet HTML 8Page - Fairchild Semiconductor HUFA76407DK8T_10 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Electrical Specifications
TA = 25oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OFF STATE SPECIFICATIONS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 12)
60
-
-
V
ID = 250µA, VGS = 0V , TA = -40oC (Figure 12)
55
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS = 55V, VGS = 0V
-
-
1
µA
VDS = 50V, VGS = 0V, TA = 150oC
-
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±16V
-
-
±100
nA
ON STATE SPECIFICATIONS
Gate to Source Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA (Figure 11)
1
-
3
V
Drain to Source On Resistance
rDS(ON)
ID = 3.8A, VGS = 10V (Figures 9, 10)
-
0.075
0.090
ID = 1.0A, VGS = 5V (Figure 9)
-
0.088
0.105
ID = 1.0A, VGS = 4.5V (Figure 9)
-
0.092
0.110
THERMAL SPECIFICATIONS
Thermal Resistance Junction to
Ambient
RθJA
Pad Area = 0.76 in2 (490.3 mm2) (Note 2)
-
-
50
oC/W
Pad Area = 0.027 in2 (17.4 mm2) (Figure 23)
-
-
191
oC/W
Pad Area = 0.006 in2 (3.87 mm2) (Figure 23)
-
-
228
oC/W
SWITCHING SPECIFICATIONS
(VGS = 4.5V)
Turn-On Time
tON
VDD = 30V, ID = 1.0A
VGS = 4.5V, RGS = 27Ω
(Figures 15, 21, 22)
-
-
57
ns
Turn-On Delay Time
td(ON)
-8
-
ns
Rise Time
tr
-30-
ns
Turn-Off Delay Time
td(OFF)
-25-
ns
Fall Time
tf
-25-
ns
Turn-Off Time
tOFF
-
-
75
ns
SWITCHING SPECIFICATIONS
(VGS = 10V)
Turn-On Time
tON
VDD = 30V, ID = 3.8A
VGS = 10V,
RGS = 30Ω
(Figures 16, 21, 22)
-
-
24
ns
Turn-On Delay Time
td(ON)
-5
-
ns
Rise Time
tr
-11-
ns
Turn-Off Delay Time
td(OFF)
-46-
ns
Fall Time
tf
-31-
ns
Turn-Off Time
tOFF
-
-
116
ns
GATE CHARGE SPECIFICATIONS
Total Gate Charge
Qg(TOT)
VGS = 0V to 10V
VDD = 30V,
ID = 1.0A,
Ig(REF) = 1.0mA
(Figures 14, 19, 20)
-
9.4
11.2
nC
Gate Charge at 5V
Qg(5)
VGS = 0V to 5V
-
5.3
6.4
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 1V
-
0.42
0.5
nC
Gate to Source Gate Charge
Qgs
-1.05-
nC
Gate to Drain “Miller” Charge
Qgd
-2.4
-
nC
CAPACITANCE SPECIFICATIONS
Input Capacitance
CISS
VDS = 25V, VGS = 0V,
f = 1MHz
(Figure 13)
-
330
-
pF
Output Capacitance
COSS
-
100
-
pF
Reverse Transfer Capacitance
CRSS
-18-
pF
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 3.8A
-
-
1.25
V
ISD = 1.0A
-
-
1.00
V
Reverse Recovery Time
trr
ISD = 1.0A, dISD/dt = 100A/µs-
-
48
ns
Reverse Recovered Charge
QRR
ISD = 1.0A, dISD/dt = 100A/µs-
-
89
nC
HUFA76407DK8T_F085
HUFA76407DK8T_F085 Rev. C1
www.fairchildsemi.com
2


同様の部品番号 - HUFA76407DK8T_10

メーカー部品番号データシート部品情報
logo
ON Semiconductor
HUFA76407DK8T-F085 ONSEMI-HUFA76407DK8T-F085 Datasheet
976Kb / 7P
   Dual N-Channel Logic Level UltraFET짰 Power MOSFET 60 V, 3.5 A, 105 m廓
September-2017, Rev. 2
More results

同様の説明 - HUFA76407DK8T_10

メーカー部品番号データシート部品情報
logo
Intersil Corporation
HUF76407DK8 INTERSIL-HUF76407DK8 Datasheet
375Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA76407DK8 FAIRCHILD-HUFA76407DK8 Datasheet
263Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
HUF76407DK8 FAIRCHILD-HUF76407DK8 Datasheet
262Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
HUF76419D3ST FAIRCHILD-HUF76419D3ST Datasheet
203Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
HUF76429D3 FAIRCHILD-HUF76429D3_05 Datasheet
282Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
HUFA76429D3ST FAIRCHILD-HUFA76429D3ST Datasheet
352Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFETs
logo
ON Semiconductor
HUFA76429D3ST-F085 ONSEMI-HUFA76429D3ST-F085 Datasheet
420Kb / 11P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFETs
September-2017, Rev. 1
logo
Fairchild Semiconductor
HUFA76413DK8T FAIRCHILD-HUFA76413DK8T_10 Datasheet
622Kb / 11P
   N-Channel Logic Level UltraFET짰 Power MOSFET 60V, 4.8A, 56m廓
HUFA76645S3ST FAIRCHILD-HUFA76645S3ST Datasheet
309Kb / 10P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
RF1K49090 FAIRCHILD-RF1K49090 Datasheet
252Kb / 8P
   3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com