データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HUFA76413DK8T データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 HUFA76413DK8T
部品情報  N-Channel Logic Level UltraFET짰 Power MOSFET 60V, 4.8A, 56m廓
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76413DK8T データシート(HTML) 1 Page - Fairchild Semiconductor

  HUFA76413DK8T_10 Datasheet HTML 1Page - Fairchild Semiconductor HUFA76413DK8T_10 Datasheet HTML 2Page - Fairchild Semiconductor HUFA76413DK8T_10 Datasheet HTML 3Page - Fairchild Semiconductor HUFA76413DK8T_10 Datasheet HTML 4Page - Fairchild Semiconductor HUFA76413DK8T_10 Datasheet HTML 5Page - Fairchild Semiconductor HUFA76413DK8T_10 Datasheet HTML 6Page - Fairchild Semiconductor HUFA76413DK8T_10 Datasheet HTML 7Page - Fairchild Semiconductor HUFA76413DK8T_10 Datasheet HTML 8Page - Fairchild Semiconductor HUFA76413DK8T_10 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HUFA76413DK8T_F085
N-Channel Logic Level UltraFET® Power MOSFET
60V, 4.8A, 56m
General Description
These N-Channel power MOSFETs are manufactured us-
ing the innovative UltraFET® process. This advanced pro-
cess technology achieves the lowest possible on-
resistance per silicon area, resulting in outstanding perfor-
mance. This device is capable of withstanding high energy
in the avalanche mode and the diode exhibits very low re-
verse recovery time and stored charge. It was designed for
use in applications where power efficiency is important,
such as switching regulators, switching convertors, motor
drivers, relay drivers, low-voltage bus switches, and power
management in portable and battery-operated products.
Applications
• Motor and Load Control
• Powertrain Management
Features
• 150°C Maximum Junction Temperature
• UIS Capability (Single Pulse and Repetitive Pulse)
• Ultra-Low On-Resistance rDS(ON) = 0.049Ω, VGS = 10V
• Ultra-Low On-Resistance rDS(ON) = 0.056Ω, VGS = 5V
MOSFET Maximum Ratings TA = 25°C unless otherwise noted
Thermal Characteristics
This product has been designed to meet the extreme test conditions and environment demanded by the automotive industry. For a
copy of the requirements, see AEC Q101 at: http://www.aecouncil.com/
Reliability data can be found at: http://www.fairchildsemi.com/products/discrete/reliability/index.html.
All Fairchild Semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality systems
certification.
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
60
V
VGS
Gate to Source Voltage
±16
V
ID
Drain Current
5.1
A
Continuous (TC = 25oC, VGS = 10V)
Continuous (TC = 25oC, VGS = 5V)
4.8
A
Continuous (TC = 125oC, VGS = 5V, RθJA = 228oC/W)
1
A
Pulsed
Figure 4
A
EAS
Single Pulse Avalanche Energy (Note 1)
260
mJ
PD
Power dissipation
2.5
W
Derate above 25oC0.02
W/oC
TJ, TSTG
Operating and Storage Temperature
-55 to 150
oC
RθJA
Thermal Resistance Junction to Ambient SO-8 (Note 2)
50
oC/W
RθJA
Thermal Resistance Junction to Ambient SO-8 (Note 3)
191
oC/W
RθJA
Thermal Resistance Junction to Ambient SO-8 (Note 4)
228
oC/W
G1 (2)
D1 (8)
S1 (1)
D1 (7)
D2 (6)
D2 (5)
S2 (3)
G2 (4)
SO-8
• Qualified to AEC Q101
• RoHS Compliant
October 2010
©2010 Fairchild Semiconductor Corporation
H
UFA76413DK8T_F085 Rev. C1
www.fairchildsemi.com
1


同様の部品番号 - HUFA76413DK8T_10

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUFA76413DK8T FAIRCHILD-HUFA76413DK8T Datasheet
269Kb / 11P
   N-Channel Logic Level UltraFET Power MOSFET 60V, 4.8A, 56m?
More results

同様の説明 - HUFA76413DK8T_10

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUFA76413DK8T FAIRCHILD-HUFA76413DK8T Datasheet
269Kb / 11P
   N-Channel Logic Level UltraFET Power MOSFET 60V, 4.8A, 56m?
logo
ON Semiconductor
HUF76629D3ST-F085 ONSEMI-HUF76629D3ST-F085 Datasheet
550Kb / 7P
   N-Channel Logic Level UltraFET짰 Power MOSFET 100V, 20A, 52m廓
August-2017, Rev. 3
logo
Fairchild Semiconductor
HUF76419D3ST FAIRCHILD-HUF76419D3ST Datasheet
203Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
HUF76429D3 FAIRCHILD-HUF76429D3_05 Datasheet
282Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
HUFA76407DK8T FAIRCHILD-HUFA76407DK8T_10 Datasheet
548Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET짰 Power MOSFET
HUFA76429D3ST FAIRCHILD-HUFA76429D3ST Datasheet
352Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFETs
logo
ON Semiconductor
HUFA76429D3ST-F085 ONSEMI-HUFA76429D3ST-F085 Datasheet
420Kb / 11P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFETs
September-2017, Rev. 1
logo
Fairchild Semiconductor
HUFA76645S3ST FAIRCHILD-HUFA76645S3ST Datasheet
309Kb / 10P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0_11 Datasheet
861Kb / 8P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 36A, 24m廓
FDN5632N_F085 FAIRCHILD-FDN5632N_F085 Datasheet
267Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 1.6A, 98m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com