データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD4141 データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 FDD4141
部品情報  P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD4141 データシート(HTML) 6 Page - Fairchild Semiconductor

  FDD4141_10 Datasheet HTML 1Page - Fairchild Semiconductor FDD4141_10 Datasheet HTML 2Page - Fairchild Semiconductor FDD4141_10 Datasheet HTML 3Page - Fairchild Semiconductor FDD4141_10 Datasheet HTML 4Page - Fairchild Semiconductor FDD4141_10 Datasheet HTML 5Page - Fairchild Semiconductor FDD4141_10 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
www.fairchildsemi.com
©2010 Fairchild Semiconductor Corporation
FDD4141_F085 Rev.C
TRADEMARKS
The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidiaries, and is not
intended to be an exhaustive list of all such trademarks.
*Trademarks of System General Corporation, used under license by Fairchild Semiconductor.
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY
PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD’S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY
THEREIN, WHICH COVERS THESE PRODUCTS.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE
EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used here in:
1.
Life support devices or systems are devices or systems which, (a) are
intended for surgical implant into the body or (b) support or sustain life,
and (c) whose failure to perform when properly used in accordance with
instructions for use provided in the labeling, can be reasonably
expected to result in a significant injury of the user.
2.
A critical component in any component of a life support, device, or
system whose failure to perform can be reasonably expected to cause
the failure of the life support device or system, or to affect its safety or
effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of Terms
AccuPower™
Auto-SPM™
Build it Now™
CorePLUS™
CorePOWER™
CROSSVOLT™
CTL™
Current Transfer Logic™
DEUXPEED®
Dual Cool™
EcoSPARK®
EfficentMax™
ESBC™
Fairchild®
Fairchild Semiconductor®
FACT Quiet Series™
FACT®
FAST®
FastvCore™
FETBench™
FlashWriter® *
FPS™
F-PFS™
FRFET®
Global Power ResourceSM
Green FPS™
Green FPS™ e-Series™
Gmax™
GTO™
IntelliMAX™
ISOPLANAR™
MegaBuck™
MICROCOUPLER™
MicroFET™
MicroPak™
MicroPak2™
MillerDrive™
MotionMax™
Motion-SPM™
OptiHiT™
OPTOLOGIC®
OPTOPLANAR®
®
PDP SPM™
Power-SPM™
PowerTrench®
PowerXS™
Programmable Active Droop™
QFET®
QS™
Quiet Series™
RapidConfigure™
Saving our world, 1mW/W/kW at a time™
SignalWise™
SmartMax™
SMART START™
SPM®
STEALTH™
SuperFET™
SuperSOT™-3
SuperSOT™-6
SuperSOT™-8
SupreMOS™
SyncFET™
Sync-Lock™
®*
The Power Franchise®
®
TinyBoost™
TinyBuck™
TinyCalc™
TinyLogic®
TINYOPTO™
TinyPower™
TinyPWM™
TinyWire™
TriFault Detect™
TRUECURRENT™*
μSerDes™
UHC®
Ultra FRFET™
UniFET™
VCX™
VisualMax™
XS™
®
Datasheet Identification
Product Status
Definition
Advance Information
Formative / In Design
Datasheet contains the design specifications for product development. Specifications
may change in any manner without notice.
Preliminary
First Production
Datasheet contains preliminary data; supplementary data will be published at a later
date. Fairchild Semiconductor reserves the right to make changes at any time without
notice to improve design.
No Identification Needed
Full Production
Datasheet contains final specifications. Fairchild Semiconductor reserves the right to
make changes at any time without notice to improve the design.
Obsolete
Not In Production
Datasheet contains specifications on a product that is discontinued by Fairchild
Semiconductor. The datasheet is for reference information only.
ANTI-COUNTERFEITING POLICY
Fairchild Semiconductor Corporation’s Anti-Counterfeiting Policy. Fairchild’s Anti-Counterfeiting Policy is also stated on our external website,
www.Fairchildsemi.com, under Sales Support.
Counterfeiting of semiconductor parts is a growing problem in the industry. All manufactures of semiconductor products are experiencing counterfeiting of their
parts. Customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substandard performance, failed
application, and increased cost of production and manufacturing delays. Fairchild is taking strong measures to protect ourselves and our customers from the
proliferation of counterfeit parts. Fairchild strongly encourages customers to purchase Fairchild parts either directly from Fairchild or from Authorized Fairchild
Distributors who are listed by country on our web page cited above. Products customers buy either from Fairchild directly or from Authorized Fairchild
Distributors are genuine parts, have full traceability, meet Fairchild’s quality standards for handing and storage and provide access to Fairchild’s full range of
up-to-date technical and product information. Fairchild and our Authorized Distributors will stand behind all warranties and will appropriately address and
warranty issues that may arise. Fairchild will not provide any warranty coverage or other assistance for parts bought from Unauthorized Sources. Fairchild is
committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors.
Rev. I48


同様の部品番号 - FDD4141_10

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FDD4141-F085 ONSEMI-FDD4141-F085 Datasheet
328Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
November-2018, Rev.4
More results

同様の説明 - FDD4141_10

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FDD4141-F085 ONSEMI-FDD4141-F085 Datasheet
328Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
November-2018, Rev.4
logo
Fairchild Semiconductor
FDD8447L FAIRCHILD-FDD8447L_08 Datasheet
518Kb / 6P
   40V N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.5m廓
FDD8445 FAIRCHILD-FDD8445_07 Datasheet
360Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8444 FAIRCHILD-FDD8444_10 Datasheet
300Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m廓
FDD8445 FAIRCHILD-FDD8445_10 Datasheet
528Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8447L-F085 FAIRCHILD-FDD8447L-F085 Datasheet
440Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 11.0m廓
FDP8447L FAIRCHILD-FDP8447L Datasheet
188Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8453LZ FAIRCHILD-FDD8453LZ Datasheet
276Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 6.7m廓
FDD8444L_F085 FAIRCHILD-FDD8444L_F085_09 Datasheet
394Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 6.0m廓
FDD3672 FAIRCHILD-FDD3672_08 Datasheet
431Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com