データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD4141 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FDD4141
部品情報  P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD4141 データシート(HTML) 2 Page - Fairchild Semiconductor

  FDD4141_10 Datasheet HTML 1Page - Fairchild Semiconductor FDD4141_10 Datasheet HTML 2Page - Fairchild Semiconductor FDD4141_10 Datasheet HTML 3Page - Fairchild Semiconductor FDD4141_10 Datasheet HTML 4Page - Fairchild Semiconductor FDD4141_10 Datasheet HTML 5Page - Fairchild Semiconductor FDD4141_10 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
©2010 Fairchild Semiconductor Corporation
FDD4141_F085 Rev.C
Electrical Characteristics T
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = -250μA, VGS = 0V
-40
V
ΔBV
DSS
ΔT
J
Breakdown Voltage Temperature
Coefficient
ID = -250μA, referenced to 25°C
-29
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = -32V, VGS = 0V
-1
μA
IGSS
Gate to Source Leakage Current
VGS = ±20V, VDS = 0V
±100
nA
On Characteristics
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = -250μA
-1
-1.8
-3
V
ΔV
GS(th)
ΔT
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = -250μA, referenced to 25°C
5.8
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = -10V, ID = -12.7A
10.1
12.3
m
Ω
VGS = -4.5V, ID = -10.4A
14.5
18.0
VGS = -10V, ID = -12.7A,
TJ = 125°C
15.3
18.7
gFS
Forward Transconductance
VDS = -5V, ID = -12.7A
38
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = -20V, VGS = 0V,
f = 1MHz
2085
2775
pF
Coss
Output Capacitance
360
480
pF
Crss
Reverse Transfer Capacitance
210
310
pF
Rg
Gate Resistance
f = 1MHz
4.6
Ω
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = -20V, ID = -12.7A,
VGS = -10V, RGEN = 6Ω
10
19
ns
tr
Rise Time
7
13
ns
td(off)
Turn-Off Delay Time
38
60
ns
tf
Fall Time
15
27
ns
Qg
Total Gate Charge
VGS = 0V to -10V
VDD = -20V,
ID = -12.7A
36
50
nC
Qg
Total Gate Charge
VGS = 0V to -5V
19
27
nC
Qgs
Gate to Source Charge
7
nC
Qgd
Gate to Drain “Miller” Charge
8
nC
Drain-Source Diode Characteristics
VSD
Source to Drain Diode Forward Voltage
VGS = 0V, IS = -12.7A
(Note 2)
-0.8
-1.2
V
trr
Reverse Recovery Time
IF = -12.7A, di/dt = 100A/μs
29
44
ns
Qrr
Reverse Recovery Charge
26
40
nC
Notes:
1: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins.
RθJC is guaranteed by design while RθJA is determined by the user’s board design.
2: Pulse Test: Pulse Width < 300
μs, Duty cycle < 2.0%.
3: Starting TJ = 25°C, L = 3mH, IAS = 15A, VDD = 40V, VGS = 10V.
52°C/W when mounted on a
1 in2 pad of 2 oz copper
100°C/W when mounted
on a minimum pad.
a)
b)


同様の部品番号 - FDD4141_10

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FDD4141-F085 ONSEMI-FDD4141-F085 Datasheet
328Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
November-2018, Rev.4
More results

同様の説明 - FDD4141_10

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FDD4141-F085 ONSEMI-FDD4141-F085 Datasheet
328Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
November-2018, Rev.4
logo
Fairchild Semiconductor
FDD8447L FAIRCHILD-FDD8447L_08 Datasheet
518Kb / 6P
   40V N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.5m廓
FDD8445 FAIRCHILD-FDD8445_07 Datasheet
360Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8444 FAIRCHILD-FDD8444_10 Datasheet
300Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m廓
FDD8445 FAIRCHILD-FDD8445_10 Datasheet
528Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8447L-F085 FAIRCHILD-FDD8447L-F085 Datasheet
440Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 11.0m廓
FDP8447L FAIRCHILD-FDP8447L Datasheet
188Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8453LZ FAIRCHILD-FDD8453LZ Datasheet
276Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 6.7m廓
FDD8444L_F085 FAIRCHILD-FDD8444L_F085_09 Datasheet
394Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 6.0m廓
FDD3672 FAIRCHILD-FDD3672_08 Datasheet
431Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com