データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCX007BKA データシート(PDF) 11 Page - Sony Corporation

部品番号 LCX007BKA
部品情報  3.4cm (1.35-inch) Color LCD Panel
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX007BKA データシート(HTML) 11 Page - Sony Corporation

Back Button LCX007BKA Datasheet HTML 7Page - Sony Corporation LCX007BKA Datasheet HTML 8Page - Sony Corporation LCX007BKA Datasheet HTML 9Page - Sony Corporation LCX007BKA Datasheet HTML 10Page - Sony Corporation LCX007BKA Datasheet HTML 11Page - Sony Corporation LCX007BKA Datasheet HTML 12Page - Sony Corporation LCX007BKA Datasheet HTML 13Page - Sony Corporation LCX007BKA Datasheet HTML 14Page - Sony Corporation LCX007BKA Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
– 11 –
LCX007BKA
<Electro-optical Characteristics Measurement>
• Measurement system
Ι
LCD panel
Luminance
Meter
Measurement
Equipment
Light Detector
Back light: color temperature 6500 ± 700K (25°C)
Polarizer: POLATECHNO Co., Ltd. THC-13U (Luminance meter side)
Optical fiber
LCD panel
Light receptor lens
Drive Circuit
Light
Source
Basic measurement conditions
(1) Driving voltage
HVDD = 15.7V, VVDD = 15.7V
VVC = 7.0V, Vcom = 6.6V
(2) Measurement temperature
25°C unless otherwise specified.
(3) Measurement point
One point in the center of screen unless otherwise specified.
(4) Measurement systems
Two types of measurement system are used as shown below.
(5) Video input signal voltage (Vsig)
Vsig = 7.0 ± VAC [V]
(VAC: signal amplitude)
• Measurement system
ΙΙ
Measurement
Equipment
3.5mm
1. Contrast Ratio
Contrast Ratio (CR) is given by the following formula (1).
CR =
L (White)
L (Black)
... (1)
L (White): Surface luminance of the TFT-LCD panel at the input signal amplitude VAC = 0.5V.
L (Black): Surface luminance of the panel at VAC = 4.5V.
Both luminosities are measured by System I.


同様の部品番号 - LCX007BKA

メーカー部品番号データシート部品情報
logo
Sony Corporation
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
More results

同様の説明 - LCX007BKA

メーカー部品番号データシート部品情報
logo
Sony Corporation
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007CN SONY-LCX007CN Datasheet
611Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007BNB SONY-LCX007BNB Datasheet
661Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX037BLT SONY-LCX037BLT Datasheet
390Kb / 25P
   3.4cm (1.35 Type) Black-and-White LCD Panel
LCX019AM SONY-LCX019AM Datasheet
304Kb / 22P
   3.4cm (1.32-inch) LCD Panel (with microlens)
LCX020BK SONY-LCX020BK Datasheet
306Kb / 24P
   1.8cm (0.7-inch) Color LCD Panel
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX005BK SONY-LCX005BK Datasheet
307Kb / 22P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX009AKB SONY-LCX009AKB Datasheet
351Kb / 22P
   1.8cm (0.7-inch) NTSC/PAL Color LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com