データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCX007CN データシート(PDF) 3 Page - Sony Corporation

部品番号 LCX007CN
部品情報  3.4cm (1.35-inch) Black-and-White LCD Panel
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX007CN データシート(HTML) 3 Page - Sony Corporation

  LCX007CN Datasheet HTML 1Page - Sony Corporation LCX007CN Datasheet HTML 2Page - Sony Corporation LCX007CN Datasheet HTML 3Page - Sony Corporation LCX007CN Datasheet HTML 4Page - Sony Corporation LCX007CN Datasheet HTML 5Page - Sony Corporation LCX007CN Datasheet HTML 6Page - Sony Corporation LCX007CN Datasheet HTML 7Page - Sony Corporation LCX007CN Datasheet HTML 8Page - Sony Corporation LCX007CN Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
– 3 –
LCX007CN
Absolute Maximum Ratings (VSS = 0V)
• H driver supply voltage
HVDD
–1.0 to +20
V
• V driver supply voltage
VVDD
–1.0 to +20
V
• Common pad voltage
COM
–1.0 to +17
V
• H shift register input pin voltage
HST, HCK1, HCK2
–1.0 to +17
V
RGT, WID
• V shift register input pin voltage
VST, VCK, PCG
–1.0 to +17
V
CLR, ENB, DWN
• Video signal input pin voltage
SIG1, SIG2, SIG3, SID
–1.0 to +15
V
• Operating temperature
Topr
–10 to +70
°C
• Storage temperature
Tstg
–30 to +85
°C
Operating Conditions (VSS = 0V)
• Supply voltage
HVDD
15.7
V
VVDD
15.7
V
• Input pulse voltage (Vp-p of all input pins except video signal and side black signal input pins)
Vin
5.0 ± 0.5
V
Pin Description
Pin
No.
1
2
3
4
5
6
7
8
9
10
SID
SIG1 (G)
SIG2 (R)
SIG3 (B)
HVDD
WID
RGT
HST
Vss
HCK1
Side black signal for 4:3 display
Video signal (G∗1) to panel
Video signal (R∗1) to panel
Video signal (B∗1) to panel
Power supply for H driver
Aspect-ratio switching
(H: 16:9, L: 4:3)
Drive direction pulse for H shift
register (H: normal, L: reverse)
Start pulse for H shift register
drive
GND (H, V drivers)
Clock pulse for H shift register
drive
11
12
13
14
15
16
17
18
19
20
HCK2
CLR
ENB
VCK
PCG
VST
DWN
VVDD
COM
TEST
Clock pulse for H shift register
drive
Improvement pulse (1) for
uniformity
Enable pulse for gate selection
Clock pulse for V shift register
drive
Improvement pulse (2) for
uniformity
Start pulse for V shift register
drive
Drive direction pulse for V shift
register (H: normal, L: reverse)
Power supply for V driver
Common voltage of panel
Test; Open
Symbol
Description
Pin
No.
Symbol
Description
1 (R), (G) and (B) are indicated for convenience to show the correspondence with the dot arrangement
diagram.
+0.3
–0.4
+0.3
–0.4


同様の部品番号 - LCX007CN

メーカー部品番号データシート部品情報
logo
Sony Corporation
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
More results

同様の説明 - LCX007CN

メーカー部品番号データシート部品情報
logo
Sony Corporation
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007BNB SONY-LCX007BNB Datasheet
661Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX037BLT SONY-LCX037BLT Datasheet
390Kb / 25P
   3.4cm (1.35 Type) Black-and-White LCD Panel
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007BKA SONY-LCX007BKA Datasheet
624Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX019AM SONY-LCX019AM Datasheet
304Kb / 22P
   3.4cm (1.32-inch) LCD Panel (with microlens)
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com