データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCX009AKB データシート(PDF) 5 Page - Sony Corporation

部品番号 LCX009AKB
部品情報  1.8cm (0.7-inch) NTSC/PAL Color LCD Panel
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX009AKB データシート(HTML) 5 Page - Sony Corporation

  LCX009AKB Datasheet HTML 1Page - Sony Corporation LCX009AKB Datasheet HTML 2Page - Sony Corporation LCX009AKB Datasheet HTML 3Page - Sony Corporation LCX009AKB Datasheet HTML 4Page - Sony Corporation LCX009AKB Datasheet HTML 5Page - Sony Corporation LCX009AKB Datasheet HTML 6Page - Sony Corporation LCX009AKB Datasheet HTML 7Page - Sony Corporation LCX009AKB Datasheet HTML 8Page - Sony Corporation LCX009AKB Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
– 5 –
LCX009AKB
Level Conversion Circuit
The LCX009AKB has a built-in level conversion circuit in the clock input unit located inside the panel. The
circuit voltage is stepped up to 13.5V. This level conversion circuit meets the specifications of a 3.0V to 5.0V
power supply of the externally-driven IC mainly. However, this circuit can operate even with a 12V power
supply of the IC.
1. I/O characteristics of level conversion circuit
(For a single-phase input unit)
An example of the I/O voltage characteristics of a
level conversion circuit is shown in the figure to the
right. The input voltage value that becomes half the
output voltage (after voltage conversion) is defined
as Vth.
The Vth value varies depending on the HVDD and
VVDD voltages.
The Vth values under standard conditions are
indicated in the table below. (HST, VST, EN, CLR, and RGT in the case of a single-phase input)
HVDD = VVDD = 13.5V
HVDD
HVDD
2
Vth
Input voltage [V]
Example of single-phase
I/O characteristics
Item
Vth voltage of circuit
Vth
0.35
1.50
2.70
V
Symbol
Min.
Typ.
Max.
Unit
(For a differential input unit)
An example of I/O voltage characteristics of a
level conversion circuit for a differential input is
shown in the figure to the right. Although the
characteristics, including those of the Vth voltage,
are basically the same as those for a single-
phased input, the two-phased input phase is
defined. (Refer to clock timing conditions.)
HVDD
HVDD
2
Vth
Input voltage [V]
Example of differential
I/O characteristics
2. Current characteristics at the input pin of level
conversion circuit
A slight pull-in current is generated at the input
pin of the level conversion circuit. (The equivalent
circuit diagram is shown to the right.) The current
volume increases as the voltage at the input pin
decreases, and is maximized when the pin is
grounded.) (Electrical characteristics are defined
by the grounded input.)
VDD
Output
HCK1
input
HCK2
input
Level conversion equivalent circuit
0
0
Max. value
Input pin voltage [V]
10
Pull-in current
characteristics at the
input pin


同様の部品番号 - LCX009AKB

メーカー部品番号データシート部品情報
logo
Sony Corporation
LCX009AK SONY-LCX009AK Datasheet
312Kb / 22P
   1.8cm (0.7-inch) NTSC/PAL Color LCD Panel
More results

同様の説明 - LCX009AKB

メーカー部品番号データシート部品情報
logo
Sony Corporation
LCX009AK SONY-LCX009AK Datasheet
312Kb / 22P
   1.8cm (0.7-inch) NTSC/PAL Color LCD Panel
LCX018AK SONY-LCX018AK Datasheet
350Kb / 22P
   1.8cm (0.7-inch) NTSC/PAL/WID Color LCD Panel
LCX020BK SONY-LCX020BK Datasheet
306Kb / 24P
   1.8cm (0.7-inch) Color LCD Panel
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX024AK SONY-LCX024AK Datasheet
212Kb / 24P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX024AKB SONY-LCX024AKB Datasheet
213Kb / 24P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX027AKB SONY-LCX027AKB Datasheet
203Kb / 23P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX005BK SONY-LCX005BK Datasheet
307Kb / 22P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX005BKB SONY-LCX005BKB Datasheet
238Kb / 22P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
ACX302AK SONY-ACX302AK Datasheet
365Kb / 24P
   8.80cm (3.5 Type) NTSC/PAL Color LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com