データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

744861033 データシート(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 744861033
部品情報  WE-TFCH Common Mode Power Line Choke (Horizontal)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744861033 データシート(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744861033 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744861033 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744861033 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744861033 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744861033 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744861033 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1.3
1.2
1.1
1.0
REV
2012-10-24
2012-09-17
2012-06-28
2012-05-01
DATE
SSt
SSt
SSt
SSt
BY
HasA
HasA
SSt
HasA
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-TFCH Common Mode Power Line
Choke (Horizontal)
Order.- No.
744861033
SIZE
A4
H4: Classification Wave Soldering Profile:
H5: Classification Wave Profile
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Typical (Tstypical)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Δ preheat to max Temperature
Peak temperature (Tp)
Time of actual peak temperature (tp)
Ramp-down rate
- Min
- Typical
- Max
Time 25°C to 25°C
Pb-Free Assembly
100°C
120°C
130°C
70 seconds
150°C max.
250°C - 260°C
max. 10 seconds
max. 5 second each wave
~ 2 K/s
~ 3.5 K/s
~ 5 K/s
4 minutes
Sn-Pb Assembly
100°C
120°C
130°C
70 seconds
150°C max.
235°C - 260°C
max. 10 seconds
max. 5 second each wave
~ 2 K/s
~ 3.5 K/s
~ 5 K/s
4 minutes
refer to EN 61760-1:2006
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 744861033

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744861018 WURTH-744861018 Datasheet
827Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744861056 WURTH-744861056 Datasheet
836Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744861082 WURTH-744861082 Datasheet
835Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
More results

同様の説明 - 744861033

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744861120 WURTH-744861120 Datasheet
836Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744861056 WURTH-744861056 Datasheet
836Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744861018 WURTH-744861018 Datasheet
827Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744861250 WURTH-744861250 Datasheet
843Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744861100 WURTH-744861100 Datasheet
435Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744861082 WURTH-744861082 Datasheet
835Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744861180 WURTH-744861180 Datasheet
831Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744834622 WURTH-744834622 Datasheet
597Kb / 5P
   WE-CMBH Common Mode Power Line Choke (Horizontal)
744834433 WURTH-744834433 Datasheet
596Kb / 5P
   WE-CMBH Common Mode Power Line Choke (Horizontal)
744834101 WURTH-744834101 Datasheet
593Kb / 5P
   WE-CMBH Common Mode Power Line Choke (Horizontal)
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com