データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FFPF20UP40S データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FFPF20UP40S
部品情報  20A, 400V UItra Fast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF20UP40S データシート(HTML) 3 Page - Fairchild Semiconductor

  FFPF20UP40S Datasheet HTML 1Page - Fairchild Semiconductor FFPF20UP40S Datasheet HTML 2Page - Fairchild Semiconductor FFPF20UP40S Datasheet HTML 3Page - Fairchild Semiconductor FFPF20UP40S Datasheet HTML 4Page - Fairchild Semiconductor FFPF20UP40S Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FFPF20UP40S Rev. A
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. Typical Forward Voltage Drop
vs. Forward Current
Figure 2. Typical Reverse Current vs.
Reverse Voltage
Figure 3. Typical Junction Capacitance
Figure 4. Typical Reverse Recovery Time
vs. di/dt
Figure 5. Typical Reverse Recovery
Current vs. di/dt
Figure 6. Forward Current Derating Curve
0
80
160
240
320
400
0.01
0.1
1
10
100
T
C = 75
o
C
T
C = 25
o
C
T
C = 125
o
C
Reverse Voltage, V
R [V]
0.0
0.5
1.0
1.5
2.0
1
10
100
T
C = 75
o
C
T
C = 125
o
C
Forward Voltage, V
F
[V]
T
C = 25
o
C
0.1
1
10
100
0
200
400
600
800
1000
Typical Capacitance
at 0V = 16pF
Reverse Voltage, V
R [V]
100
200
300
400
500
10
20
30
40
50
60
70
T
C = 75
o
C
I
F = 20A
T
C = 25
o
C
T
C = 125
o
C
di/dt [A/µs]
100
200
300
400
500
2
4
6
8
10
12
T
C = 75
o
C
I
F = 20A
TC = 25
o
C
T
C = 125
o
C
di/dt [A/µs]
25
50
75
100
125
150
0
10
20
30
40
50
Case temperature, T
C
[
o
C]


同様の部品番号 - FFPF20UP40S

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FFPF20UP20DN FAIRCHILD-FFPF20UP20DN Datasheet
122Kb / 5P
   Ultrafast Recovery Power Rectifier
FFPF20UP20DN FAIRCHILD-FFPF20UP20DN Datasheet
513Kb / 5P
   20 A, 200 V, Ultrafast Dual Diode
logo
Thinki Semiconductor Co...
FFPF20UP20DN THINKISEMI-FFPF20UP20DN Datasheet
3Mb / 2P
   20Amperes,200Volts Insulated Common Cathode Ultra Fast Soft Recovery Epitaxial Diodes
logo
Fairchild Semiconductor
FFPF20UP20DNTU FAIRCHILD-FFPF20UP20DNTU Datasheet
513Kb / 5P
   20 A, 200 V, Ultrafast Dual Diode
logo
Thinki Semiconductor Co...
FFPF20UP20DNTU THINKISEMI-FFPF20UP20DNTU Datasheet
4Mb / 2P
   20Amperes,200Volts Insulated Common Cathode Ultra Fast Soft Recovery Epitaxial Diodes
More results

同様の説明 - FFPF20UP40S

メーカー部品番号データシート部品情報
logo
Shindengen Electric Mfg...
D20LC40 SHINDENGEN-D20LC40 Datasheet
391Kb / 6P
   Super Fast Recovery Rectifiers(400V 20A)
S20LC40 SHINDENGEN-S20LC40 Datasheet
374Kb / 6P
   Super Fast Recovery Rectifiers(400V 20A)
logo
DONGGUAN YOU FENG WEI E...
2CL01 YFWDIODE-2CL01 Datasheet
585Kb / 3P
   UItra-Fast recovery high voltage diodes
logo
Pan Jit International I...
FR2504 PANJIT-FR2504 Datasheet
121Kb / 3P
   25A / 400V FAST RECOVERY RECTIFIER
logo
First Silicon Co., Ltd
UF5A400D FS-UF5A400D Datasheet
255Kb / 2P
   5A,400V ULTRA-FAST RECTIFIER
logo
Frontier Electronics.
UF200-005 FRONTIER-UF200-005 Datasheet
132Kb / 2P
   20A ULTRA FAST RECOVERY RECTIFIER
UFF200-005 FRONTIER-UFF200-005 Datasheet
131Kb / 2P
   20A ULTRA FAST RECOVERY RECTIFIER
SFF200-03 FRONTIER-SFF200-03 Datasheet
130Kb / 2P
   20A SUPER FAST RECOVERY RECTIFIER
logo
Formosa MS
UFF200-005 FORMOSA-UFF200-005 Datasheet
264Kb / 2P
   20A ULTRA FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
SFR10S40AD ETC-SFR10S40AD Datasheet
420Kb / 5P
   10A, 400V ULTRA-FAST RECOVERY RECTIFIER
Rev.: 1.4
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com