データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCX032AK データシート(PDF) 1 Page - Sony Corporation

部品番号 LCX032AK
部品情報  1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX032AK データシート(HTML) 1 Page - Sony Corporation

  LCX032AK Datasheet HTML 1Page - Sony Corporation LCX032AK Datasheet HTML 2Page - Sony Corporation LCX032AK Datasheet HTML 3Page - Sony Corporation LCX032AK Datasheet HTML 4Page - Sony Corporation LCX032AK Datasheet HTML 5Page - Sony Corporation LCX032AK Datasheet HTML 6Page - Sony Corporation LCX032AK Datasheet HTML 7Page - Sony Corporation LCX032AK Datasheet HTML 8Page - Sony Corporation LCX032AK Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
– 1 –
E99714A03
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
Description
The LCX032AK is a 1.1cm diagonal active matrix
TFT-LCD panel addressed by polycrystalline silicon
super thin film transistors with built-in peripheral
driving
circuit.
This
panel
provides
full-color
representation in NTSC/PAL mode. RGB dots are
arranged in a delta pattern featuring high picture
quality of no fixed color patterns, which is inherent in
vertical stripes and mosaic pattern arrangements.
Features
• The number of active dots: 113,578 (0.44 Type; 1.115cm in diagonal)
• Horizontal resolution: 260 TV lines
• High optical transmittance: 4.8% (typ.)
• High contrast ratio with normally white mode: 200 (typ.)
• Built-in H and V drivers (built-in input level conversion circuit, TTL drive possible)
• High quality picture representation with RGB delta arranged color filters
• Full-color representation
• NTSC/PAL compatible
• Up/down and/or right/left inverse display function
• 4:3 and 16:9 aspect switching function
• Power save mode (Through current reduction by stop of level shifter and scanner during power supply cutoff)
Element Structure
• Dots
Total dots : 537 (H)
× 222 (V) = 119,214
Active dots: 521 (H)
× 218 (V) = 113,578
• Built-in peripheral driver using polycrystalline silicon super thin film transistors.
Applications
• Viewfinders
• Super compact liquid crystal monitors etc.
LCX032AK


同様の部品番号 - LCX032AK

メーカー部品番号データシート部品情報
logo
Sony Corporation
LCX032AKB SONY-LCX032AKB Datasheet
264Kb / 23P
   1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
More results

同様の説明 - LCX032AK

メーカー部品番号データシート部品情報
logo
Sony Corporation
LCX033ANB SONY-LCX033ANB Datasheet
189Kb / 23P
   1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX032AKB SONY-LCX032AKB Datasheet
264Kb / 23P
   1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033AKB SONY-LCX033AKB Datasheet
260Kb / 23P
   1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX032ANB SONY-LCX032ANB Datasheet
540Kb / 23P
   1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033AK SONY-LCX033AK Datasheet
277Kb / 23P
   1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX005BK SONY-LCX005BK Datasheet
307Kb / 22P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX024AK SONY-LCX024AK Datasheet
212Kb / 24P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX024AKB SONY-LCX024AKB Datasheet
213Kb / 24P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX027AKB SONY-LCX027AKB Datasheet
203Kb / 23P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com