データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQD4P25TM データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FQD4P25TM
部品情報  250V P-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD4P25TM データシート(HTML) 2 Page - Fairchild Semiconductor

  FQD4P25TM Datasheet HTML 1Page - Fairchild Semiconductor FQD4P25TM Datasheet HTML 2Page - Fairchild Semiconductor FQD4P25TM Datasheet HTML 3Page - Fairchild Semiconductor FQD4P25TM Datasheet HTML 4Page - Fairchild Semiconductor FQD4P25TM Datasheet HTML 5Page - Fairchild Semiconductor FQD4P25TM Datasheet HTML 6Page - Fairchild Semiconductor FQD4P25TM Datasheet HTML 7Page - Fairchild Semiconductor FQD4P25TM Datasheet HTML 8Page - Fairchild Semiconductor FQD4P25TM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
©2011 Fairchild Semiconductor International
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)
Rev. A4, Oct 2011
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 46.6mH, IAS = -3.1A, VDD = -50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ -4.0A, di/dt ≤ 300A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width ≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = -250 µA
-250
--
--
V
∆BVDSS
/
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = -250 µA, Referenced to 25°C
--
-0.21
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = -250 V, VGS = 0 V
--
--
-1
µA
VDS = -200 V, TC = 125°C
--
--
-10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = -30 V, VDS = 0 V
--
--
-100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = 30 V, VDS = 0 V
--
--
100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = -250 µA
-3.0
--
-5.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = -10 V, ID = -1.55 A
--
1.63
2.1
gFS
Forward Transconductance
VDS = -40 V, ID = -1.55 A
--
2.0
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = -25 V, VGS = 0 V,
f = 1.0 MHz
--
325
420
pF
Coss
Output Capacitance
--
65
85
pF
Crss
Reverse Transfer Capacitance
--
10
13
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = -125 V, ID = -4.0 A,
RG = 25 Ω
--
9.5
30
ns
tr
Turn-On Rise Time
--
60
130
ns
td(off)
Turn-Off Delay Time
--
14
40
ns
tf
Turn-Off Fall Time
--
27
65
ns
Qg
Total Gate Charge
VDS = -200 V, ID = -4.0 A,
VGS = -10 V
--
10.3
14
nC
Qgs
Gate-Source Charge
--
2.7
--
nC
Qgd
Gate-Drain Charge
--
5.2
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
-3.1
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
-12.4
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = -3.1 A
--
--
-5.0
V
trr
Reverse Recovery Time
VGS = 0 V, IS = -4.0 A,
dIF / dt = 100 A/µs
--
140
--
ns
Qrr
Reverse Recovery Charge
--
0.64
--
µC


同様の部品番号 - FQD4P25TM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQD4P25 FAIRCHILD-FQD4P25 Datasheet
585Kb / 9P
   250V P-Channel MOSFET
More results

同様の説明 - FQD4P25TM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQPF6P25 FAIRCHILD-FQPF6P25 Datasheet
534Kb / 8P
   250V P-Channel MOSFET
FQP2P25 FAIRCHILD-FQP2P25 Datasheet
549Kb / 8P
   250V P-Channel MOSFET
FQP4P25 FAIRCHILD-FQP4P25 Datasheet
568Kb / 8P
   250V P-Channel MOSFET
FQD2P25 FAIRCHILD-FQD2P25 Datasheet
535Kb / 9P
   250V P-Channel MOSFET
FQP6P25 FAIRCHILD-FQP6P25 Datasheet
508Kb / 8P
   250V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2P25 KERSEMI-KSMD2P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
KSMD4P25 KERSEMI-KSMD4P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
logo
Fairchild Semiconductor
FQD6P25TM FAIRCHILD-FQD6P25TM Datasheet
640Kb / 9P
   250V P-Channel MOSFET
FQD6P25 FAIRCHILD-FQD6P25 Datasheet
511Kb / 9P
   250V P-Channel MOSFET
FQPF4P25 FAIRCHILD-FQPF4P25 Datasheet
573Kb / 8P
   250V P-Channel MOSFET
FQB9P25 FAIRCHILD-FQB9P25 Datasheet
573Kb / 9P
   250V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com