データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQP11N40C データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FQP11N40C
部品情報  400V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP11N40C データシート(HTML) 2 Page - Fairchild Semiconductor

  FQP11N40C_08 Datasheet HTML 1Page - Fairchild Semiconductor FQP11N40C_08 Datasheet HTML 2Page - Fairchild Semiconductor FQP11N40C_08 Datasheet HTML 3Page - Fairchild Semiconductor FQP11N40C_08 Datasheet HTML 4Page - Fairchild Semiconductor FQP11N40C_08 Datasheet HTML 5Page - Fairchild Semiconductor FQP11N40C_08 Datasheet HTML 6Page - Fairchild Semiconductor FQP11N40C_08 Datasheet HTML 7Page - Fairchild Semiconductor FQP11N40C_08 Datasheet HTML 8Page - Fairchild Semiconductor FQP11N40C_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.fairchildsemi.com
FQP11N40C/FQPF11N40C Rev. C1
Package Marking and Ordering Information
Electrical Characteristics T
C = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 5.7 mH, IAS = 10.5A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 10.5A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width
≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FQP11N40C
FQP11N40C
TO-220
--
--
50
FQPF11N40C
FQPF11N40C
TO-220F
--
--
50
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
400
--
--
V
∆BVDSS/
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.54
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 400 V, VGS = 0 V
--
--
1
µA
VDS = 320 V, TC = 125°C
--
--
10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
2.0
--
4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 5.25 A
--
0.43
0.53
gFS
Forward Transconductance
VDS = 40 V, ID = 5.25 A
(Note 4)
--
7.1
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
840
1090
pF
Coss
Output Capacitance
--
250
325
pF
Crss
Reverse Transfer Capacitance
--
85
110
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 200 V, ID = 10.5 A,
RG = 25 Ω
(Note 4, 5)
--
14
40
ns
tr
Turn-On Rise Time
--
89
190
ns
td(off)
Turn-Off Delay Time
--
81
170
ns
tf
Turn-Off Fall Time
--
81
170
ns
Qg
Total Gate Charge
VDS = 320 V, ID = 10.5 A,
VGS = 10 V
(Note 4, 5)
--
28
35
nC
Qgs
Gate-Source Charge
--
4
--
nC
Qgd
Gate-Drain Charge
--
15
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
10.5
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
42
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 10.5 A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 10.5 A,
dIF / dt = 100 A/µs
(Note 4)
--
290
--
ns
Qrr
Reverse Recovery Charge
--
2.4
--
µC


同様の部品番号 - FQP11N40C_08

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQP11N40C FAIRCHILD-FQP11N40C Datasheet
709Kb / 10P
   FQP11N40C / FQPF11N40C N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQP11N40C FAIRCHILD-FQP11N40C Datasheet
709Kb / 10P
   N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
More results

同様の説明 - FQP11N40C_08

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com