データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZTA63 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 PZTA63
部品情報  PNP Darlington Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PZTA63 データシート(HTML) 3 Page - Fairchild Semiconductor

  PZTA63_10 Datasheet HTML 1Page - Fairchild Semiconductor PZTA63_10 Datasheet HTML 2Page - Fairchild Semiconductor PZTA63_10 Datasheet HTML 3Page - Fairchild Semiconductor PZTA63_10 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MPSA63 / MMBTA63 / PZTA63 Rev. A1
3
Typical Performance Characteristics (continued)
Figure 3. Base-Emitter Saturation Voltage
vs Collector Current
Figure 4. Base-Emitter On Voltage
vs Collector Current
Figure 5. Collector Cutoff Current
vs Ambient Temperature
Figure 6. Input and Output Capacitance
vs Reverse Bias Voltage
Figure 7. Power Dissipation
vs Ambient Temperature
Base-Emitter Saturation
Voltage vs Collector Current
0.001
0.01
0.1
1
0
0.4
0.8
1.2
1.6
2
I - COLLECTOR CURRENT (A)
C
25 °C
- 40 °C
125 °C
β = 1000
β
Base Emitter ON Voltage vs
Collector Current
0.001
0.01
0.1
1
0
0.4
0.8
1.2
1.6
2
I - COLLECTOR CURRENT (A)
C
V
= 5V
CE
25 °C
- 40 °C
125 °C
Collector-Cutoff Current
vs Ambient Temperature
25
50
75
100
125
0.01
0.1
1
10
100
T - AMBIE NT TEMP ERATURE ( C)
A
°
V
= 15V
CB
Input and Output Capacitance
vs Reverse Bias Voltage
0.1
1
10
100
0
4
8
12
16
REVERSE VOLTAGE (V)
C
f = 1.0 MHz
ib
C ob
Power Dissipation vs
Ambient Temperature
0
25
50
75
100
125
150
0
0.25
0.5
0.75
1
TEMPERATURE ( C)
o
SOT-223
TO-92
SOT-23


同様の部品番号 - PZTA63_10

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
PZTA63 SIEMENS-PZTA63 Datasheet
139Kb / 4P
   PNP Silicon Darlington Transistors
logo
Fairchild Semiconductor
PZTA63 FAIRCHILD-PZTA63 Datasheet
29Kb / 2P
   PNP Darlington Transistor
More results

同様の説明 - PZTA63_10

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
BCV26 FAIRCHILD-BCV26 Datasheet
36Kb / 4P
   PNP Darlington Transistor
MPSA65 FAIRCHILD-MPSA65 Datasheet
29Kb / 2P
   PNP Darlington Transistor
logo
Samsung semiconductor
MMBTA64 SAMSUNG-MMBTA64 Datasheet
26Kb / 1P
   PNP (DARLINGTON TRANSISTOR)
logo
NXP Semiconductors
BC516 PHILIPS-BC516 Datasheet
44Kb / 8P
   PNP Darlington transistor
1999 Apr 23
BC878 PHILIPS-BC878 Datasheet
50Kb / 8P
   PNP Darlington transistor
1999 May 31
BSR62 PHILIPS-BSR62 Datasheet
47Kb / 8P
   PNP Darlington transistor
1999 Apr 26
PMBTA64 PHILIPS-PMBTA64 Datasheet
43Kb / 8P
   PNP Darlington transistor
1999 Apr 13
logo
Jiangsu Changjiang Elec...
TIP147 JIANGSU-TIP147 Datasheet
957Kb / 3P
   Darlington Transistor (PNP)
logo
Fairchild Semiconductor
BC516_D27Z FAIRCHILD-BC516_D27Z Datasheet
31Kb / 4P
   PNP Darlington Transistor
logo
NXP Semiconductors
BSR62 NXP-BSR62 Datasheet
119Kb / 7P
   PNP Darlington transistor
2004 Nov 11
logo
Nexperia B.V. All right...
PMBTA64 NEXPERIA-PMBTA64 Datasheet
283Kb / 7P
   PNP Darlington transistor
2004 Jan 22
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com