データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74435583300 データシート(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 74435583300
部品情報  WE-HCI SMD Flat Wire High Current Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74435583300 データシート(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74435583300 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74435583300 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74435583300 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74435583300 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74435583300 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74435583300 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1.4
1.3
1.2
1.1
1.0
REV
2012-12-06
2012-10-24
2012-08-08
2012-06-28
2012-03-12
DATE
SSt
SSt
SSt
SSt
SSt
BY
SSt
BD
BD
SSt
DDe
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-HCI SMD Flat Wire High Current
Inductor
Order.- No.
74435583300
SIZE
A4
Size: 2212
H1: Classification Reflow Profile for SMT components:
H2: Classification Reflow Profiles
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Ramp-up rate (TL to TP)
Liquidous temperature (TL)
Time (tL) maintained above TL
Peak package body temperature (Tp)
Time within 5°C of actual peak temperature (tp)
Ramp-down rate (TP to TL)
Time 25°C to peak temperature
Pb-Free Assembly
150°C
200°C
60-180 seconds
3°C/ second max.
217°C
60-150 seconds
See Table H3
20-30 seconds
6°C/ second max.
8 minutes max.
refer to IPC/JEDEC J-STD-020D
H3: Package Classification Reflow Temperature
PB-Free Assembly
PB-Free Assembly
PB-Free Assembly
Package Thickness
< 1.6 mm
1.6 - 2.5 mm
≥ 2.5 mm
Volume mm³
<350
260°C
260°C
250°C
Volume mm³
350 - 2000
260°C
250°C
245°C
Volume mm³
>2000
260°C
245°C
245°C
refer to IPC/JEDEC J-STD-020D
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 74435583300

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74435580330 WURTH-74435580330 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
74435580680 WURTH-74435580680 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
74435580820 WURTH-74435580820 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
74435581000 WURTH-74435581000 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
74435581000 WURTH-74435581000 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
More results

同様の説明 - 74435583300

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7443552280 WURTH-7443552280 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
7443550320 WURTH-7443550320 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
7443551151 WURTH-7443551151 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
7443551331 WURTH-7443551331 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
7443557760 WURTH-7443557760 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
744310024 WURTH-744310024 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
744310055 WURTH-744310055 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
744310115 WURTH-744310115 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
744313025 WURTH-744313025 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
744314024 WURTH-744314024 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
744314110 WURTH-744314110 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com