データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

744303022 データシート(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 744303022
部品情報  POWER-CHOKE WE-HCM-175
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744303022 データシート(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744303022 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744303022 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744303022 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744303022 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification :
A
7,1 ± 0,1
mm
B
12,0 ± 0,1
mm
typ.
typ.
E
4,00 ± 0,1
mm
F
2,00 ± 0,1
mm
G
1,75 ± 0,1
mm
H
11,5 ± 0,1
mm
I
10,3 ± 0,1
mm
J
5,30 ± 0,1
mm
W
24,0 ± 0,3
mm
a
330,0 ± 2,0
mm
b
24,5 ± 0,8
mm
c
29,5 ± 0,5
mm
d
100,0 ± 1,5
mm
ME
07-12-01
Name
Datum / date
Kunde / customer :
Spezifikation für Freigabe / specification for release
Artikelnummer / part number :
744303022
SPEICHERDROSSEL WE-HCM-175
POWER-CHOKE WE-HCM-175
DATUM / DATE : 2007-12-01
Gurtspezifikation / Tape specification:
C
1,05
mm
D
1,05
mm
Rollenspezifikation / Reel specification:
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
Version 1
Datum / date
Unterschrift / signature
Würth Elektronik
.................................................................................
...............................................................
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
Geprüft / checked
Kontrolliert / approved
Änderung / modification
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Ø c
a
b
W
E
F
G
A
B
C
Ø D
H
I
T
J
The Force for tearing off cover tape is
20 to 70 grams in arrow direction
150°
feeding direction
RoHS
compliant
This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the field such as
aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.
where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body. In addition, even electronic component in general electronic
equipments, when used in electrical circuits that require high safety, reliability functions or performance, the sufficient reliability evaluation-check for the safety must be performed before use. It
is essential to give consideration when to install a protective circuit at the design stage.
d
c
b
SEITE 4 VON 4


同様の部品番号 - 744303022

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744303012 WURTH-744303012 Datasheet
141Kb / 4P
   POWER-CHOKE WE-HCM-175
744303015 WURTH-744303015 Datasheet
141Kb / 4P
   POWER-CHOKE WE-HCM-175
More results

同様の説明 - 744303022

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744303015 WURTH-744303015 Datasheet
141Kb / 4P
   POWER-CHOKE WE-HCM-175
744303012 WURTH-744303012 Datasheet
141Kb / 4P
   POWER-CHOKE WE-HCM-175
744306025 WURTH-744306025 Datasheet
149Kb / 4P
   POWER-CHOKE WE-HCM
744308033 WURTH-744308033 Datasheet
148Kb / 4P
   POWER-CHOKE WE-HCM
744305022 WURTH-744305022 Datasheet
141Kb / 4P
   POWER-CHOKE WE-HCM
744305033 WURTH-744305033 Datasheet
141Kb / 4P
   POWER-CHOKE WE-HCM
744306020 WURTH-744306020 Datasheet
149Kb / 4P
   POWER-CHOKE WE-HCM
744307016 WURTH-744307016 Datasheet
141Kb / 4P
   POWER-CHOKE WE-HCM
744308040 WURTH-744308040 Datasheet
280Kb / 4P
   POWER-CHOKE WE-HCM
744304016 WURTH-744304016 Datasheet
102Kb / 4P
   POWER-CHOKE WE-HCM
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com