データシートサーチシステム |
|
FM22LD16-55-BGTR データシート(PDF) 2 Page - Cypress Semiconductor |
|
FM22LD16-55-BGTR データシート(HTML) 2 Page - Cypress Semiconductor |
2 / 14 page FM22LD16 - 256Kx16 FRAM Rev. 3.0 Oct. 2012 Page 2 of 14 CE Control Logic WE A(17:2) A(1:0) I/O Latch & Bus Driver OE DQ(15:0) 32K x 16 block 32K x 16 block 32K x 16 block 32K x 16 block 32K x 16 block 32K x 16 block 32K x 16 block 32K x 16 block A(17:0) Column Decoder . . . UB, LB 2 Figure 1. Block Diagram Pin Description Pin Name Type Pin Description A(17:0) Input Address inputs: The 18 address lines select one of 262,144 words in the F-RAM array. The lowest two address lines A(1:0) may be used for page mode read and write operations. /CE Input Chip Enable input: The device is selected and a new memory access begins when /CE is low. The entire address is latched internally on the falling edge of /CE. Subsequent changes to the A(1:0) address inputs allow page mode operation when /CE is low. /WE Input Write Enable: A write cycle begins when /WE is asserted. The rising edge causes the FM22LD16 to write the data on the DQ bus to the F-RAM array. The falling edge of /WE latches a new column address for page mode write cycles. /OE Input Output Enable: When /OE is low, the FM22LD16 drives the data bus when valid read data is available. Deasserting /OE high tri-states the DQ pins. DQ(15:0) I/O Data: 16-bit bi-directional data bus for accessing the F-RAM array. /UB Input Upper Byte Select: Enables DQ(15:8) pins during reads and writes. Deasserting /UB high tri-states the DQ pins. If the user does not perform byte writes and the device is not configured as a 512Kx8, the /UB and /LB pins may be tied to ground. /LB Input Lower Byte Select: Enables DQ(7:0) pins during reads and writes. Deasserting /LB high tri- states the DQ pins. If the user does not perform byte writes and the device is not configured as a 512Kx8, the /UB and /LB pins may be tied to ground. VDD Supply Supply Voltage VSS Supply Ground |
同様の部品番号 - FM22LD16-55-BGTR |
|
同様の説明 - FM22LD16-55-BGTR |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |