データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM23MLD16 データシート(PDF) 2 Page - Cypress Semiconductor

部品番号 FM23MLD16
部品情報  8Mbit F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM23MLD16 データシート(HTML) 2 Page - Cypress Semiconductor

  FM23MLD16 Datasheet HTML 1Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 2Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 3Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 4Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 5Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 6Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 7Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 8Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FM23MLD16 - 512Kx16 FRAM (multi die)
Rev. 2.0
June 2012
Page 2 of 13
64K x 64
Control
Logic
WE
A(18:2)
A(1:0)
I/O Latch & Bus Driver
OE
DQ(15:0)
64K x 64
F-RAM Array
A(18:0)
Column Decoder
UB, LB
2
CE1, CE2 2
Figure 1. Block Diagram
Pin Description
Pin Name
Type
Pin Description
A(18:0)
Input
Address inputs: The A(17:0) address lines select one of 262,144 words in each of the F-
RAM die. A18 selects one of the two die. The lowest two address lines A(1:0) may be
used for page mode read and write operations.
/CE1, CE2
Input
Chip Enable inputs: The device is selected and a new memory access begins on the
falling edge of /CE1 (while CE2 high) or the rising edge of CE2 (while /CE1 low). The
entire address is latched internally at this point.
/WE
Input
Write Enable: A write cycle begins when /WE is asserted. The rising edge causes the
FM23MLD16 to write the data on the DQ bus to the F-RAM array. The falling edge of
/WE latches a new column address for page mode write cycles.
/OE
Input
Output Enable: When /OE is low, the FM23MLD16 drives the data bus when valid read
data is available. Deasserting /OE high tri-states the DQ pins.
DQ(15:0)
I/O
Data: 16-bit bi-directional data bus for accessing the F-RAM array.
/UB
Input
Upper Byte Select: Enables DQ(15:8) pins during reads and writes. These pins are hi-Z
if /UB is high.
/LB
Input
Lower Byte Select: Enables DQ(7:0) pins during reads and writes. These pins are hi-Z
if /LB is high.
VDD
Supply
Supply Voltage: 3.3V
VSS
Supply
Ground


同様の部品番号 - FM23MLD16

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM23MLD16 RAMTRON-FM23MLD16 Datasheet
173Kb / 13P
   8Mbit F-RAM Memory
FM23MLD16-60-BG RAMTRON-FM23MLD16-60-BG Datasheet
173Kb / 13P
   8Mbit F-RAM Memory
More results

同様の説明 - FM23MLD16

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM23MLD16 RAMTRON-FM23MLD16 Datasheet
173Kb / 13P
   8Mbit F-RAM Memory
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM22LD16 RAMTRON-FM22LD16 Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM28V202 CYPRESS-FM28V202 Datasheet
479Kb / 18P
   2Mbit (128Kx16)F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com