データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM23MLD16-60-BG データシート(PDF) 4 Page - Cypress Semiconductor

部品番号 FM23MLD16-60-BG
部品情報  8Mbit F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM23MLD16-60-BG データシート(HTML) 4 Page - Cypress Semiconductor

  FM23MLD16-60-BG Datasheet HTML 1Page - Cypress Semiconductor FM23MLD16-60-BG Datasheet HTML 2Page - Cypress Semiconductor FM23MLD16-60-BG Datasheet HTML 3Page - Cypress Semiconductor FM23MLD16-60-BG Datasheet HTML 4Page - Cypress Semiconductor FM23MLD16-60-BG Datasheet HTML 5Page - Cypress Semiconductor FM23MLD16-60-BG Datasheet HTML 6Page - Cypress Semiconductor FM23MLD16-60-BG Datasheet HTML 7Page - Cypress Semiconductor FM23MLD16-60-BG Datasheet HTML 8Page - Cypress Semiconductor FM23MLD16-60-BG Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FM23MLD16 - 512Kx16 FRAM (multi die)
Rev. 2.0
June 2012
Page 4 of 13
Overview
The FM23MLD16 is a wordwide F-RAM memory
logically organized as 524,288 x 16 and accessed
using an industry standard parallel interface. All data
written to the part is immediately nonvolatile with no
delay. The device offers page mode operation which
provides higher speed access to addresses within a
page (row). An access to a different page is triggered
by toggling a chip enable pin or simply by changing
the upper address A(18:2).
Memory Operation
Users access 524,288 memory locations, each with
16 data bits through a parallel interface. The F-RAM
memory is organized as 2 die each having 64K rows.
Each row has 4 column locations, which allows fast
access in page mode operation. Once an initial
address has been latched by the falling edge of /CE1
(while CE2 high) or the rising edge of CE2 (while
/CE1 low), subsequent column locations may be
accessed without the need to toggle a chip enable.
When either chip enable pin is deasserted, a
precharge
operation
begins.
Writes
occur
immediately at the end of the access with no delay.
The /WE pin must be toggled for each write
operation. The write data is stored in the nonvolatile
memory array immediately, which is a feature unique
to F-RAM called NoDelay
TM writes.
Read Operation
A read operation begins on the falling edge of /CE1
(while CE2 high) or the rising edge of CE2 (while
/CE1 low). The /CE-initiated access causes the
address to be latched and starts a memory read cycle
if /WE is high. Data becomes available on the bus
after the access time has been satisfied. Once the
address has been latched and the access completed, a
new access to a random location (different row) may
begin while both chip enables are still active. The
minimum cycle time for random addresses is tRC.
Note that unlike SRAMs, the FM23MLD16’s /CE-
initiated access time is faster than the address cycle
time.
The FM23MLD16 will drive the data bus when /OE
and at least one of the byte enables (/UB, /LB) is
asserted low. The upper data byte is driven when /UB
is low, and the lower data byte is driven when /LB is
low. If /OE is asserted after the memory access time
has been satisfied, the data bus will be driven with
valid data. If /OE is asserted prior to completion of
the memory access, the data bus will not be driven
until valid data is available. This feature minimizes
supply current in the system by eliminating transients
caused by invalid data being driven onto the bus.
When /OE is deasserted high, the data bus will
remain in a high-Z state.
Write Operation
Writes occur in the FM23MLD16 in the same time
interval as reads. The FM23MLD16 supports both
/CE- and /WE-controlled write cycles. In both cases,
the address A(18:2) is latched on the falling edge of
/CE1 (while CE2 high) or the rising edge of CE2
(while /CE1 low).
In a /CE-controlled write, the /WE signal is asserted
prior to beginning the memory cycle. That is, /WE is
low when the device is activated with a chip enable.
In this case, the device begins the memory cycle as a
write. The FM23MLD16 will not drive the data bus
regardless of the state of /OE as long as /WE is low.
Input data must be valid when the device is
deselected with a chip enable. In a /WE-controlled
write, the memory cycle begins when the device is
activated with a chip enable. The /WE signal falls
some time later. Therefore, the memory cycle begins
as a read. The data bus will be driven if /OE is low,
however it will hi-Z once /WE is asserted low. The
/CE- and /WE-controlled write timing cases are
shown in the Electrical Specifications section. In the
Write Cycle Timing 2 diagram, the data bus is shown
as a hi-Z condition while the chip is write-enabled
and before the required setup time. Although this is
drawn to look like a mid-level voltage, it is
recommended that all DQ pins comply with the
minimum VIH/VIL operating levels.
Write access to the array begins on the falling edge of
/WE after the memory cycle is initiated. The write
access terminates on the deassertion of /WE, /CE1, or
CE2, whichever comes first. A valid write operation
requires the user to meet the access time specification
prior to deasserting /WE, /CE1, or CE2. Data setup
time indicates the interval during which data cannot
change prior to the end of the write access (rising
edge of /WE or the chip is deselected with /CE1 or
CE2).
Unlike other truly nonvolatile memory technologies,
there is no write delay with F-RAM. Since the read
and write access times of the underlying memory are
the same, the user experiences no delay through the
bus. The entire memory operation occurs in a single
bus cycle. Data polling, a technique used with
EEPROMs to determine if a write is complete, is
unnecessary.
Page Mode Operation
The FM23MLD16 provides the user fast access to
any data within a row element. Each row has 4
column address locations. Address inputs A(1:0)
define the column address to be accessed. An access
can start on any column address, and other column


同様の部品番号 - FM23MLD16-60-BG

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM23MLD16-60-BG RAMTRON-FM23MLD16-60-BG Datasheet
173Kb / 13P
   8Mbit F-RAM Memory
More results

同様の説明 - FM23MLD16-60-BG

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM23MLD16 RAMTRON-FM23MLD16 Datasheet
173Kb / 13P
   8Mbit F-RAM Memory
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM22LD16 RAMTRON-FM22LD16 Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM28V202 CYPRESS-FM28V202 Datasheet
479Kb / 18P
   2Mbit (128Kx16)F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com