データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C04B-G データシート(PDF) 7 Page - Cypress Semiconductor

部品番号 FM24C04B-G
部品情報  4Kb Serial 5V F-RAM Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24C04B-G データシート(HTML) 7 Page - Cypress Semiconductor

Back Button FM24C04B-G Datasheet HTML 3Page - Cypress Semiconductor FM24C04B-G Datasheet HTML 4Page - Cypress Semiconductor FM24C04B-G Datasheet HTML 5Page - Cypress Semiconductor FM24C04B-G Datasheet HTML 6Page - Cypress Semiconductor FM24C04B-G Datasheet HTML 7Page - Cypress Semiconductor FM24C04B-G Datasheet HTML 8Page - Cypress Semiconductor FM24C04B-G Datasheet HTML 9Page - Cypress Semiconductor FM24C04B-G Datasheet HTML 10Page - Cypress Semiconductor FM24C04B-G Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FM24C04B
Rev. 3.0
Jan. 2012
Page 7 of 12
S
A
Slave Address
1
Data Byte
1
P
By Master
By FM24C04B
Start
Address
Stop
Acknowledge
No
Acknowledge
Data
Figure 7. Current Address Read
S
A
Slave Address
1
Data Byte
1 P
By Master
By FM24C04B
Start
Address
Stop
Acknowledge
No
Acknowledge
Data
Data Byte
A
Acknowledge
Figure 8. Sequential Read
S
A
Slave Address
1
Data Byte
1 P
By Master
By FM24C04B
Start
Address
Stop
No
Acknowledge
Data
Data Byte
A
Acknowledge
S
A
Slave Address
0
Word Address
A
Start
Address
Acknowledge
Figure 9. Selective (Random) Read
Endurance
The FM24C04B internally operates with a read and
restore mechanism. Therefore, endurance cycles are
applied for each read or write cycle. The memory
architecture is based on an array of rows and
columns. Each read or write access causes an
endurance cycle for an entire row. In the FM24C04B,
a row is 64 bits wide. Every 8-byte boundary marks
the beginning of a new row. Endurance can be
optimized by ensuring frequently accessed data is
located in different rows. Regardless, F-RAM read
and write endurance is effectively unlimited at the
1MHz two-wire speed. Even at 3000 accesses per
second to the same row, 10 years time will elapse
before 1 trillion endurance cycles occur.


同様の部品番号 - FM24C04B-G

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM24C04B-G RAMTRON-FM24C04B-G Datasheet
293Kb / 12P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C04B-G CYPRESS-FM24C04B-G Datasheet
324Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C04B-GTR RAMTRON-FM24C04B-GTR Datasheet
293Kb / 12P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C04B-GTR CYPRESS-FM24C04B-GTR Datasheet
324Kb / 13P
   4Kb Serial 5V F-RAM Memory
More results

同様の説明 - FM24C04B-G

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM25040B RAMTRON-FM25040B Datasheet
313Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B CYPRESS-FM25040B Datasheet
449Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04B CYPRESS-FM24C04B_13 Datasheet
324Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25040C RAMTRON-FM25040C Datasheet
266Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04C RAMTRON-FM24C04C Datasheet
261Kb / 12P
   4Kb Serial 5V F-RAM Memory
FM24C04B RAMTRON-FM24C04B Datasheet
293Kb / 12P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B CYPRESS-FM25040B_13 Datasheet
402Kb / 14P
   4Kb Serial 5V F-RAM Memory
FM25040B-GA CYPRESS-FM25040B-GA Datasheet
419Kb / 14P
   Automotive Temp. 4Kb Serial 5V F-RAM Memory
FM24CL04B CYPRESS-FM24CL04B_13 Datasheet
325Kb / 13P
   4Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL04B RAMTRON-FM24CL04B Datasheet
287Kb / 12P
   4Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com