データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C04B-G データシート(PDF) 10 Page - Cypress Semiconductor

部品番号 FM24C04B-G
部品情報  4Kb Serial 5V F-RAM Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24C04B-G データシート(HTML) 10 Page - Cypress Semiconductor

Back Button FM24C04B-G Datasheet HTML 4Page - Cypress Semiconductor FM24C04B-G Datasheet HTML 5Page - Cypress Semiconductor FM24C04B-G Datasheet HTML 6Page - Cypress Semiconductor FM24C04B-G Datasheet HTML 7Page - Cypress Semiconductor FM24C04B-G Datasheet HTML 8Page - Cypress Semiconductor FM24C04B-G Datasheet HTML 9Page - Cypress Semiconductor FM24C04B-G Datasheet HTML 10Page - Cypress Semiconductor FM24C04B-G Datasheet HTML 11Page - Cypress Semiconductor FM24C04B-G Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
FM24C04B
Rev. 3.0
Jan. 2012
Page 10 of 12
AC Test Conditions
Equivalent AC Load Circuit
Input Pulse Levels
0.1 VDD to 0.9 VDD
Input rise and fall times
10 ns
Input and output timing levels
0.5 VDD
Diagram Notes
All start and stop timing parameters apply to both read and write cycles.
Clock specifications are identical for read and write cycles. Write timing
parameters apply to slave address, word address, and write data bits.
Functional relationships are illustrated in the relevant datasheet sections.
These diagrams illustrate the timing parameters only.
Read Bus Timing
t
SU:SDA
Start
t
R
`
t
F
Stop Start
t
BUF
t
HIGH
1/fSCL
t
LOW
t
SP
t
SP
Acknowledge
t
HD:DAT
t
SU:DAT
t
AA
t
DH
SCL
SDA
Write Bus Timing
t
SU:STO
Start
Stop Start
Acknowledge
t
AA
t
HD:DAT
t
HD:STA
t
SU:DAT
SCL
SDA
Data Retention
Symbol
Parameter
Min
Max
Units
Notes
TDR
@
+85ºC
10
-
Years
@
+80ºC
19
-
Years
@
+75ºC
38
-
Years
5.5V
Output
1700
100 pF


同様の部品番号 - FM24C04B-G

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM24C04B-G RAMTRON-FM24C04B-G Datasheet
293Kb / 12P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C04B-G CYPRESS-FM24C04B-G Datasheet
324Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C04B-GTR RAMTRON-FM24C04B-GTR Datasheet
293Kb / 12P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C04B-GTR CYPRESS-FM24C04B-GTR Datasheet
324Kb / 13P
   4Kb Serial 5V F-RAM Memory
More results

同様の説明 - FM24C04B-G

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM25040B RAMTRON-FM25040B Datasheet
313Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B CYPRESS-FM25040B Datasheet
449Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04B CYPRESS-FM24C04B_13 Datasheet
324Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25040C RAMTRON-FM25040C Datasheet
266Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04C RAMTRON-FM24C04C Datasheet
261Kb / 12P
   4Kb Serial 5V F-RAM Memory
FM24C04B RAMTRON-FM24C04B Datasheet
293Kb / 12P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B CYPRESS-FM25040B_13 Datasheet
402Kb / 14P
   4Kb Serial 5V F-RAM Memory
FM25040B-GA CYPRESS-FM25040B-GA Datasheet
419Kb / 14P
   Automotive Temp. 4Kb Serial 5V F-RAM Memory
FM24CL04B CYPRESS-FM24CL04B_13 Datasheet
325Kb / 13P
   4Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL04B RAMTRON-FM24CL04B Datasheet
287Kb / 12P
   4Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com