データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C04B-GTR データシート(PDF) 2 Page - Cypress Semiconductor

部品番号 FM24C04B-GTR
部品情報  4Kb Serial 5V F-RAM Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24C04B-GTR データシート(HTML) 2 Page - Cypress Semiconductor

  FM24C04B-GTR Datasheet HTML 1Page - Cypress Semiconductor FM24C04B-GTR Datasheet HTML 2Page - Cypress Semiconductor FM24C04B-GTR Datasheet HTML 3Page - Cypress Semiconductor FM24C04B-GTR Datasheet HTML 4Page - Cypress Semiconductor FM24C04B-GTR Datasheet HTML 5Page - Cypress Semiconductor FM24C04B-GTR Datasheet HTML 6Page - Cypress Semiconductor FM24C04B-GTR Datasheet HTML 7Page - Cypress Semiconductor FM24C04B-GTR Datasheet HTML 8Page - Cypress Semiconductor FM24C04B-GTR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FM24C04B
Rev. 3.0
Jan. 2012
Page 2 of 12
Address
Latch
64 x 64
FRAM Array
Data Latch
8
SDA
Counter
Serial to Parallel
Converter
Control Logic
SCL
WP
A1
A2
Figure 1. Block Diagram
Pin Description
Pin Name
I/O
Pin Description
A1-A2
Input
Address 1-2: The address pins set the device select address. The device address value
in the 2-wire slave address must match the setting of these two pins. These pins are
internally pulled down.
SDA
I/O
Serial Data/Address: This is a bi-directional pin used to shift serial data and addresses
for the two-wire interface. It employs an open-drain output and is intended to be wire-
OR’d with other devices on the two-wire bus. The input buffer incorporates a Schmitt
trigger for noise immunity and the output driver includes slope control for falling
edges. A pull-up resistor is required.
SCL
Input
Serial Clock: The serial clock input for the two-wire interface. Data is clocked out of
the device on the SCL falling edge, and clocked in on the SCL rising edge. The SCL
input also incorporates a Schmitt trigger input for improved noise immunity.
WP
Input
Write Protect: When WP is high, the entire array is write-protected. When WP is low,
all addresses may be written. This pin is internally pulled down.
NC
-
No connect
VDD
Supply
Supply Voltage
VSS
Supply
Ground


同様の部品番号 - FM24C04B-GTR

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM24C04B-GTR RAMTRON-FM24C04B-GTR Datasheet
293Kb / 12P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C04B-GTR CYPRESS-FM24C04B-GTR Datasheet
324Kb / 13P
   4Kb Serial 5V F-RAM Memory
More results

同様の説明 - FM24C04B-GTR

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM25040B RAMTRON-FM25040B Datasheet
313Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B CYPRESS-FM25040B Datasheet
449Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04B CYPRESS-FM24C04B_13 Datasheet
324Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25040C RAMTRON-FM25040C Datasheet
266Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04C RAMTRON-FM24C04C Datasheet
261Kb / 12P
   4Kb Serial 5V F-RAM Memory
FM24C04B RAMTRON-FM24C04B Datasheet
293Kb / 12P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B CYPRESS-FM25040B_13 Datasheet
402Kb / 14P
   4Kb Serial 5V F-RAM Memory
FM25040B-GA CYPRESS-FM25040B-GA Datasheet
419Kb / 14P
   Automotive Temp. 4Kb Serial 5V F-RAM Memory
FM24CL04B CYPRESS-FM24CL04B_13 Datasheet
325Kb / 13P
   4Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL04B RAMTRON-FM24CL04B Datasheet
287Kb / 12P
   4Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com