データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C04B-GTR データシート(PDF) 3 Page - Cypress Semiconductor

部品番号 FM24C04B-GTR
部品情報  4Kb Serial 5V F-RAM Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24C04B-GTR データシート(HTML) 3 Page - Cypress Semiconductor

  FM24C04B-GTR Datasheet HTML 1Page - Cypress Semiconductor FM24C04B-GTR Datasheet HTML 2Page - Cypress Semiconductor FM24C04B-GTR Datasheet HTML 3Page - Cypress Semiconductor FM24C04B-GTR Datasheet HTML 4Page - Cypress Semiconductor FM24C04B-GTR Datasheet HTML 5Page - Cypress Semiconductor FM24C04B-GTR Datasheet HTML 6Page - Cypress Semiconductor FM24C04B-GTR Datasheet HTML 7Page - Cypress Semiconductor FM24C04B-GTR Datasheet HTML 8Page - Cypress Semiconductor FM24C04B-GTR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FM24C04B
Rev. 3.0
Jan. 2012
Page 3 of 12
Overview
The FM24C04B is a serial FRAM memory. The
memory array is logically organized as 512 x 8 and is
accessed
using
an
industry
standard
two-wire
interface. Functional operation of the FRAM is
similar to serial EEPROMs. The major difference
between the FM24C04B and a serial EEPROM with
the same pinout relates to its superior write
performance.
Memory Architecture
When accessing the FM24C04B, the user addresses
512 locations each with 8 data bits. These data bits
are shifted serially. The 512 addresses are accessed
using the two-wire protocol, which includes a slave
address (to distinguish other devices), a page address,
and a word address. The word address consists of 8-
bits that specify one of 256 addresses. The page
address is 1-bit and so there are 2 pages of 256
locations. The complete address of 9-bits specifies
each byte address uniquely.
Most
functions
of
the
FM24C04B
either
are
controlled by the two-wire interface or are handled
automatically by on-board circuitry. The memory is
read or written at the speed of the two-wire bus.
Unlike an EEPROM, it is not necessary to poll the
device for a ready condition since writes occur at bus
speed. That is, by the time a new bus transaction can
be shifted into the part, a write operation will be
complete. This is explained in more detail in the
interface section below.
Users can expect several obvious system benefits
from the FM24C04B due to its fast write cycle and
high
endurance
as
compared
with
EEPROM.
However there are less obvious benefits as well. For
example in a high noise environment, the fast-write
operation is less susceptible to corruption than an
EEPROM since it is completed quickly. By contrast
an EEPROM requiring milliseconds to write is
vulnerable to noise during much of the cycle.
Note
that
the
FM24C04B
contains no power
management circuits other than a simple internal
power-on reset. It is the user’s responsibility to ensure
that VDD is within data sheet tolerances to prevent
incorrect operation.
Two-wire Interface
The FM24C04B employs a bi-directional two-wire
bus protocol using few pins and little board space.
Figure 2 illustrates a typical system configuration
using the FM24C04B in a microcontroller-based
system. The industry standard two-wire bus is
familiar to many users but is described in this section.
By convention, any device that is sending data onto
the bus is the transmitter while the target device for
this data is the receiver. The device that is controlling
the bus is the master. The master is responsible for
generating the clock signal for all operations. Any
device on the bus that is being controlled is a slave.
The FM24C04B is always a slave device.
The bus protocol is controlled by transition states in
the SDA and SCL signals. There are four conditions:
Start, Stop, Data bit, and Acknowledge. Figure 3
illustrates the signal conditions that specify the four
states. Detailed timing diagrams are shown in the
electrical specifications.
Microcontroller
SDA
SCL
FM24C04B
A1 A2
SDA
SCL
FM24C04B
A1 A2
VDD
Rmin = 1.8 Kohm
Rmax = tR/Cbus
VDD
Figure 2. Typical System Configuration


同様の部品番号 - FM24C04B-GTR

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM24C04B-GTR RAMTRON-FM24C04B-GTR Datasheet
293Kb / 12P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C04B-GTR CYPRESS-FM24C04B-GTR Datasheet
324Kb / 13P
   4Kb Serial 5V F-RAM Memory
More results

同様の説明 - FM24C04B-GTR

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM25040B RAMTRON-FM25040B Datasheet
313Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B CYPRESS-FM25040B Datasheet
449Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04B CYPRESS-FM24C04B_13 Datasheet
324Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25040C RAMTRON-FM25040C Datasheet
266Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04C RAMTRON-FM24C04C Datasheet
261Kb / 12P
   4Kb Serial 5V F-RAM Memory
FM24C04B RAMTRON-FM24C04B Datasheet
293Kb / 12P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B CYPRESS-FM25040B_13 Datasheet
402Kb / 14P
   4Kb Serial 5V F-RAM Memory
FM25040B-GA CYPRESS-FM25040B-GA Datasheet
419Kb / 14P
   Automotive Temp. 4Kb Serial 5V F-RAM Memory
FM24CL04B CYPRESS-FM24CL04B_13 Datasheet
325Kb / 13P
   4Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL04B RAMTRON-FM24CL04B Datasheet
287Kb / 12P
   4Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com