データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C16B データシート(PDF) 3 Page - Cypress Semiconductor

部品番号 FM24C16B
部品情報  16Kb Serial 5V F-RAM Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24C16B データシート(HTML) 3 Page - Cypress Semiconductor

  FM24C16B Datasheet HTML 1Page - Cypress Semiconductor FM24C16B Datasheet HTML 2Page - Cypress Semiconductor FM24C16B Datasheet HTML 3Page - Cypress Semiconductor FM24C16B Datasheet HTML 4Page - Cypress Semiconductor FM24C16B Datasheet HTML 5Page - Cypress Semiconductor FM24C16B Datasheet HTML 6Page - Cypress Semiconductor FM24C16B Datasheet HTML 7Page - Cypress Semiconductor FM24C16B Datasheet HTML 8Page - Cypress Semiconductor FM24C16B Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FM24C16B - 16Kb 5V I2C F-RAM
Rev. 3.0
Jan. 2012
Page 3 of 12
Overview
The FM24C16B is a serial FRAM memory. The
memory array is logically organized as a 2,048 x 8
memory array and is accessed using an industry
standard two-wire interface. Functional operation of
the FRAM is similar to serial EEPROMs. The major
difference between the FM24C16B and a serial
EEPROM with the same pinout relates to its superior
write performance.
Memory Architecture
When accessing the FM24C16B, the user addresses
2,048 locations each with 8 data bits. These data bits
are shifted serially. The 2,048 addresses are accessed
using the two-wire protocol, which includes a slave
address (to distinguish from other non-memory
devices), a row address, and a segment address. The
row address consists of 8-bits that specify one of 256
rows. The 3-bit segment address specifies one of 8
segments within each row. The complete 11-bit
address specifies each byte uniquely.
Most
functions
of
the
FM24C16B
either
are
controlled by the two-wire interface or handled
automatically by on-board circuitry. The memory is
read or written at the speed of the two-wire bus.
Unlike an EEPROM, it is not necessary to poll the
device for a ready condition since writes occur at bus
speed. That is, by the time a new bus transaction can
be shifted into the part, a write operation is complete.
This is explained in more detail in the interface
section below.
Note
that
the
FM24C16B
contains no power
management circuits other than a simple internal
power-on reset. It is the user’s responsibility to ensure
that VDD is within data sheet tolerances to prevent
incorrect operation.
Two-wire Interface
The FM24C16B employs a bi-directional two-wire
bus protocol using few pins and little board space.
Figure 2 illustrates a typical system configuration
using the FM24C16B in a microcontroller-based
system. The industry standard two-wire bus is
familiar to many users but is described in this section.
By convention, any device that is sending data onto
the bus is the transmitter while the target device for
this data is the receiver. The device that is controlling
the bus is the master. The master is responsible for
generating the clock signal for all operations. Any
device on the bus that is being controlled is a slave.
The FM24C16B is always a slave device.
The bus protocol is controlled by transition states in
the SDA and SCL signals. There are four conditions
including Start, Stop, Data bit, and Acknowledge.
Figure 3 illustrates the signal conditions that define
the four states. Detailed timing diagrams are shown in
the Electrical Specifications section.
Microcontroller
SDA SCL
FM24C16B
SDA SCL
Other Slave Device
VDD
Rmin = 1.8 Kohm
Rmax = tR/Cbus
Figure 2. Typical System Configuration


同様の部品番号 - FM24C16B

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM24C16B RAMTRON-FM24C16B Datasheet
225Kb / 12P
   16Kb Serial 5V F-RAM Memory
FM24C16B-G RAMTRON-FM24C16B-G Datasheet
225Kb / 12P
   16Kb Serial 5V F-RAM Memory
FM24C16B-GTR RAMTRON-FM24C16B-GTR Datasheet
225Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B_13 Datasheet
341Kb / 13P
   16Kb Serial 5V F-RAM Memory
More results

同様の説明 - FM24C16B

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
   16Kb Serial 5V F-RAM Memory
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B_13 Datasheet
408Kb / 14P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160B RAMTRON-FM25C160B Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
FM24C16B RAMTRON-FM24C16B Datasheet
225Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B_13 Datasheet
341Kb / 13P
   16Kb Serial 5V F-RAM Memory
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B Datasheet
363Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com