データシートサーチシステム |
|
FM24CL16B データシート(PDF) 2 Page - Cypress Semiconductor |
|
FM24CL16B データシート(HTML) 2 Page - Cypress Semiconductor |
2 / 13 page FM24CL16B - 16Kb 3V I2C F-RAM Rev. 3.0 Jan. 2012 Page 2 of 13 Address Latch 256 x 64 FRAM Array Data Latch 8 SDA Counter Serial to Parallel Converter Control Logic SCL WP Figure 1. Block Diagram Pin Description Pin Name Type Pin Description SDA I/O Serial Data Address: This is a bi-directional data pin for the two-wire interface. It employs an open-drain output and is intended to be wire-OR’d with other devices on the two-wire bus. The input buffer incorporates a Schmitt trigger for noise immunity and the output driver includes slope control for falling edges. A pull-up resistor is required. SCL Input Serial Clock: The serial clock input for the two-wire interface. Data is clocked-out on the falling edge and clocked-in on the rising edge. WP Input Write Protect: When WP is high, the entire array is write-protected. When WP is low, all addresses may be written. This pin is internally pulled down. VDD Supply Supply Voltage VSS Supply Ground NC - No connect |
同様の部品番号 - FM24CL16B |
|
同様の説明 - FM24CL16B |