データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24CL16B-G データシート(PDF) 1 Page - Cypress Semiconductor

部品番号 FM24CL16B-G
部品情報  16Kb Serial 3V F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24CL16B-G データシート(HTML) 1 Page - Cypress Semiconductor

  FM24CL16B-G Datasheet HTML 1Page - Cypress Semiconductor FM24CL16B-G Datasheet HTML 2Page - Cypress Semiconductor FM24CL16B-G Datasheet HTML 3Page - Cypress Semiconductor FM24CL16B-G Datasheet HTML 4Page - Cypress Semiconductor FM24CL16B-G Datasheet HTML 5Page - Cypress Semiconductor FM24CL16B-G Datasheet HTML 6Page - Cypress Semiconductor FM24CL16B-G Datasheet HTML 7Page - Cypress Semiconductor FM24CL16B-G Datasheet HTML 8Page - Cypress Semiconductor FM24CL16B-G Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This product conforms to specifications per the terms of the Ramtron
Ramtron International Corporation
standard warranty. The product has completed Ramtron’s internal
1850 Ramtron Drive, Colorado Springs, CO 80921
qualification testing and has reached production status.
(800) 545-FRAM, (719) 481-7000
Rev. 3.0
www.ramtron.com
Jan. 2012
Page 1 of 13
FM24CL16B
16Kb Serial 3V F-RAM Memory
Features
16K bit Ferroelectric Nonvolatile RAM
Organized as 2,048 x 8 bits
High Endurance 10
14 Read/Writes
38 year Data Retention
NoDelay™ Writes
Advanced High-Reliability Ferroelectric Process
Fast Two-wire Serial Interface
Up to 1MHz Maximum Bus Frequency
Direct Hardware Replacement for EEPROM
Supports legacy timing for 100 kHz & 400 kHz
Low Power Operation
2.7 - 3.65V Operation
100 A Active Current (100 kHz)
3 A (typ.) Standby Current
Industry Standard Configuration
Industrial Temperature -40 C to +85 C
8-pin “Green”/RoHS SOIC and TDFN Packages
Description
The FM24CL16B is a 16-kilobit nonvolatile memory
employing an advanced ferroelectric process. A
ferroelectric random access memory or FRAM is
nonvolatile and performs reads and writes like a
RAM. It provides reliable data retention for 38 years
while eliminating the complexities, overhead, and
system level reliability problems caused by EEPROM
and other nonvolatile memories.
The FM24CL16B performs write operations at bus
speed. No write delays are incurred. Data is written to
the memory array in the cycle after it has been
successfully transferred to the device. The next bus
cycle may commence immediately without the need
for data polling. The FM24CL16B is capable of
supporting 10
14 read/write cycles, or a million times
more write cycles than EEPROM.
These capabilities make the FM24CL16B ideal for
nonvolatile memory applications requiring frequent
or rapid writes. Examples range from data collection
where the number of write cycles may be critical, to
demanding industrial controls where a long write time
can cause data loss. The combination of features
allows the system to write data more frequently, with
less system overhead.
The FM24CL16B provides substantial benefits to
users of serial EEPROM, yet these benefits are
available in a hardware drop-in replacement. The
FM24CL16B is available in an industry standard 8-
pin SOIC package and uses a familiar two-wire
protocol. The specifications are guaranteed over the
industrial temperature range from -40°C to +85°C.
Pin Configuration
Pin Names
Function
SDA
Serial Data/Address
SCL
Serial Clock
WP
Write Protect
VDD
Supply Voltage
VSS
Ground
Ordering Information
FM24CL16B-G
“Green”/RoHS 8-pin SOIC
FM24CL16B-GTR
“Green”/RoHS 8-pin SOIC,
Tape & Reel
FM24CL16B-DG
“Green”/RoHS 8-pin TDFN
FM24CL16B-DGTR
“Green”/RoHS 8-pin TDFN,
Tape & Reel
NC
NC
NC
VSS
VDD
WP
SCL
SDA
8
7
6
5
1
2
3
4
Top View
VSS
SDA
SCL
NC
WP
VDD
NC
NC
1
2
3
4
8
7
6
5


同様の部品番号 - FM24CL16B-G

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM24CL16B-G RAMTRON-FM24CL16B-G Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL16B-G CYPRESS-FM24CL16B-G Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B-GTR RAMTRON-FM24CL16B-GTR Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL16B-GTR CYPRESS-FM24CL16B-GTR Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results

同様の説明 - FM24CL16B-G

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
FM25L16B RAMTRON-FM25L16B Datasheet
150Kb / 14P
   16Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B_13 Datasheet
408Kb / 14P
   16Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com