データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24CL16B-G データシート(PDF) 10 Page - Cypress Semiconductor

部品番号 FM24CL16B-G
部品情報  16Kb Serial 3V F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24CL16B-G データシート(HTML) 10 Page - Cypress Semiconductor

Back Button FM24CL16B-G Datasheet HTML 5Page - Cypress Semiconductor FM24CL16B-G Datasheet HTML 6Page - Cypress Semiconductor FM24CL16B-G Datasheet HTML 7Page - Cypress Semiconductor FM24CL16B-G Datasheet HTML 8Page - Cypress Semiconductor FM24CL16B-G Datasheet HTML 9Page - Cypress Semiconductor FM24CL16B-G Datasheet HTML 10Page - Cypress Semiconductor FM24CL16B-G Datasheet HTML 11Page - Cypress Semiconductor FM24CL16B-G Datasheet HTML 12Page - Cypress Semiconductor FM24CL16B-G Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
FM24CL16B - 16Kb 3V I2C F-RAM
Rev. 3.0
Jan. 2012
Page 10 of 13
AC Test Conditions
Equivalent AC Load Circuit
Input Pulse Levels
0.1 VDD to 0.9 VDD
Input rise and fall times
10 ns
Input and output timing levels
0.5 VDD
Diagram Notes
All start and stop timing parameters apply to both read and write cycles.
Clock specifications are identical for read and write cycles. Write timing
parameters apply to slave address, word address, and write data bits.
Functional relationships are illustrated in the relevant data sheet
sections. These diagrams illustrate the timing parameters only.
Read Bus Timing
t
SU:STA
Start
t
R
`
t
F
Stop Start
t
BUF
t
HIGH
1/fSCL
t
LOW
t
SP
t
SP
Acknowledge
t
HD:DAT
t
SU:DAT
t
AA
t
DH
SCL
SDA
Write Bus Timing
t
SU:STO
Start
Stop Start
Acknowledge
t
AA
t
HD:DAT
t
HD:STA
t
SU:DAT
SCL
SDA
Data Retention
Symbol
Parameter
Min
Max
Units
Notes
TDR
@
+85ºC
10
-
Years
@
+80ºC
19
-
Years
@
+75ºC
38
-
Years
3.6V
Output
1100
100 pF


同様の部品番号 - FM24CL16B-G

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM24CL16B-G RAMTRON-FM24CL16B-G Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL16B-G CYPRESS-FM24CL16B-G Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B-GTR RAMTRON-FM24CL16B-GTR Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL16B-GTR CYPRESS-FM24CL16B-GTR Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results

同様の説明 - FM24CL16B-G

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
FM25L16B RAMTRON-FM25L16B Datasheet
150Kb / 14P
   16Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B_13 Datasheet
408Kb / 14P
   16Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com