データシートサーチシステム |
|
FM24CL16B-GTR データシート(PDF) 10 Page - Cypress Semiconductor |
|
FM24CL16B-GTR データシート(HTML) 10 Page - Cypress Semiconductor |
10 / 13 page FM24CL16B - 16Kb 3V I2C F-RAM Rev. 3.0 Jan. 2012 Page 10 of 13 AC Test Conditions Equivalent AC Load Circuit Input Pulse Levels 0.1 VDD to 0.9 VDD Input rise and fall times 10 ns Input and output timing levels 0.5 VDD Diagram Notes All start and stop timing parameters apply to both read and write cycles. Clock specifications are identical for read and write cycles. Write timing parameters apply to slave address, word address, and write data bits. Functional relationships are illustrated in the relevant data sheet sections. These diagrams illustrate the timing parameters only. Read Bus Timing t SU:STA Start t R ` t F Stop Start t BUF t HIGH 1/fSCL t LOW t SP t SP Acknowledge t HD:DAT t SU:DAT t AA t DH SCL SDA Write Bus Timing t SU:STO Start Stop Start Acknowledge t AA t HD:DAT t HD:STA t SU:DAT SCL SDA Data Retention Symbol Parameter Min Max Units Notes TDR @ +85ºC 10 - Years @ +80ºC 19 - Years @ +75ºC 38 - Years 3.6V Output 1100 100 pF |
同様の部品番号 - FM24CL16B-GTR |
|
同様の説明 - FM24CL16B-GTR |