データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SJ661 データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 2SJ661
部品情報  General-Purpose Switching Device Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ661 データシート(HTML) 1 Page - Sanyo Semicon Device

  2SJ661_12 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ661_12 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ661_12 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ661_12 Datasheet HTML 4Page - Sanyo Semicon Device 2SJ661_12 Datasheet HTML 5Page - Sanyo Semicon Device 2SJ661_12 Datasheet HTML 6Page - Sanyo Semicon Device 2SJ661_12 Datasheet HTML 7Page - Sanyo Semicon Device 2SJ661_12 Datasheet HTML 8Page - Sanyo Semicon Device 2SJ661_12 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2SJ661
No.8586-1/9
1 : Gate
2 : Drain
3 : Source
SANYO : TO-262-3L
10.0
5.3
1.27
1.47
0.8
2.54
2.54
4.5
8.0
1.3
0.5
1
2
3
1 : Gate
2 : Drain
3 : Source
4 : Drain
SANYO : TO-263-2L
10.0
5.3
1.27
0.8
2.54
2.54
0.254
4.5
8.0
1.3
0.5
12
3
4
1
3
2, 4
J661
LOT No.
DL
Features
ON-resistance RDS(on)1=29.5mΩ(typ.)
Input capacitance Ciss=4360pF (typ.)
4V drive
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--60
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
--38
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
--152
A
Allowable Power Dissipation
PD
1.65
W
Tc=25°C
65
W
Continued on next page.
Package Dimensions unit : mm (typ)
Package Dimensions unit : mm (typ)
7537-001
7535-001
53012 TKIM/N1805QA MSIM TB-00001078
SANYO Semiconductors
DATA SHEET
2SJ661
P-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
http://semicon.sanyo.com/en/network
Ordering number : EN8586A
2SJ661-1E
2SJ661-DL-1E
Product & Package Information
• Package : TO-262-3L
• Package : TO-263-2L
• JEITA, JEDEC : TO-262
• JEITA, JEDEC : SC-83, TO-263
• Minimum Packing Quantity : 50pcs./magazine
• Minimum Packing Quantity : 800pcs./reel
Marking
Packing Type : DL
Electrical Connection


同様の部品番号 - 2SJ661_12

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2SJ661-1E ONSEMI-2SJ661-1E Datasheet
375Kb / 9P
   P-Channel Power MOSFET
July, 2013
More results

同様の説明 - 2SJ661_12

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com