データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

744772121 データシート(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 744772121
部品情報  WE-TI Radial Leaded Wire Wound Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744772121 データシート(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744772121 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744772121 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744772121 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744772121 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744772121 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744772121 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4.0
3.0
REV
2012-08-27
2006-05-05
DATE
SSt
SSt
BY
CZ
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-TI Radial Leaded Wire Wound Inductor
Order.- No.
744772121
SIZE
A4
Size: 8095
H4: Classification Wave Soldering Profile:
H5: Classification Wave Profile
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Typical (Tstypical)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Δ preheat to max Temperature
Peak temperature (Tp)
Time of actual peak temperature (tp)
Ramp-down rate
- Min
- Typical
- Max
Time 25°C to 25°C
Pb-Free Assembly
100°C
120°C
130°C
70 seconds
150°C max.
250°C - 260°C
max. 10 seconds
max. 5 second each wave
~ 2 K/s
~ 3.5 K/s
~ 5 K/s
4 minutes
Sn-Pb Assembly
100°C
120°C
130°C
70 seconds
150°C max.
235°C - 260°C
max. 10 seconds
max. 5 second each wave
~ 2 K/s
~ 3.5 K/s
~ 5 K/s
4 minutes
refer to EN 61760-1:2006
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 744772121

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
744772100 NXP-744772100 Datasheet
389Kb / 21P
   SSL1523 high power factor 5 W LED driver for universal
Rev. 01-3 August 2010
logo
Wurth Elektronik GmbH &...
744772100 WURTH-744772100 Datasheet
973Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
744772101 WURTH-744772101 Datasheet
976Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
744772102 WURTH-744772102 Datasheet
981Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
744772103 WURTH-744772103 Datasheet
978Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
More results

同様の説明 - 744772121

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7447480101 WURTH-7447480101 Datasheet
982Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
7447480681 WURTH-7447480681 Datasheet
980Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
744732015 WURTH-744732015 Datasheet
997Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
744732331 WURTH-744732331 Datasheet
997Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
744741471 WURTH-744741471 Datasheet
985Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
744743471 WURTH-744743471 Datasheet
992Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
7447462470 WURTH-7447462470 Datasheet
588Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
7447462681 WURTH-7447462681 Datasheet
575Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
7447452102 WURTH-7447452102 Datasheet
980Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
7447720122 WURTH-7447720122 Datasheet
988Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
744772103 WURTH-744772103 Datasheet
978Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com