データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD13465AZ データシート(PDF) 1 Page - Analog Devices

部品番号 AD13465AZ
部品情報  Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD13465AZ データシート(HTML) 1 Page - Analog Devices

  AD13465AZ Datasheet HTML 1Page - Analog Devices AD13465AZ Datasheet HTML 2Page - Analog Devices AD13465AZ Datasheet HTML 3Page - Analog Devices AD13465AZ Datasheet HTML 4Page - Analog Devices AD13465AZ Datasheet HTML 5Page - Analog Devices AD13465AZ Datasheet HTML 6Page - Analog Devices AD13465AZ Datasheet HTML 7Page - Analog Devices AD13465AZ Datasheet HTML 8Page - Analog Devices AD13465AZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD13465
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
Dual Channel, 14-Bit, 65 MSPS A/D Converter
with Analog Input Signal Conditioning
FUNCTIONAL BLOCK DIAGRAM
100
OUTPUT TERMINATORS
TIMING
3
11
14
14
ENC
ENC
D9A
D10A
D11A
D0B
(LSB)
D1B
D3B
D2B
D4B
D5B
D6B
D9B
D10B
TIMING
D11B
9
5
ENC
ENC
B–IN
D12B
D13B (MSB)
(LSB) D0A
D1A
D2A
D3A
D4A
D5A
D6A
D7A
D8A
AD13465
DROUTA
100
OUTPUT TERMINATORS
AMP-IN-B-2
AMP-IN-B-1
AMP-IN-A-2
AMP-IN-A-1
AMP-OUT-A
A–IN
A+IN
B+IN
AMP-OUT-B
DROUTB
DROUT
VREF
D13A
(MSB)
D12A
D8B
D7B
VREF
DROUT
FEATURES
Dual, 65 MSPS Minimum Sample Rate
Channel-to-Channel Matching,
1% Gain Error
90 dB Channel-to-Channel Isolation
DC-Coupled Signal Conditioning
85 dB Spurious-Free Dynamic Range
Selectable Bipolar Inputs
( 1 V and
0.5 V Ranges)
Integral Two-Pole Low-Pass Nyquist Filter
Two’s Complement Output Format
3.3 V Compatible Outputs
1.8 W per Channel
Industrial and Military Grade
APPLICATIONS
Radar Processing
Optimized for I/Q Baseband Operation
Phased Array Receivers
Multichannel, Multimode Receivers
GPS Antijamming Receivers
Communications Receivers
PRODUCT DESCRIPTION
The AD13465 is a complete dual channel signal processing
solution including on-board amplifiers, references, ADCs,
and output termination components to provide optimized
system performance. The AD13465 has on-chip track-and-hold
circuitry and utilizes an innovative multipass architecture to
achieve 14-bit, 65 MSPS performance. The AD13465 uses
state-of-the-art high-density circuit design and laser-trimmed
thin-film resistor networks to achieve exceptional channel
matching and impedance control, and provide for significant
board area savings.
Multiple options are provided for driving the analog input, includ-
ing single-ended, differential, and optional series filtering. The
AD13465 also offers the user a choice of analog input signal
ranges to further minimize additional external signal condition-
ing, while remaining general-purpose. The AD13465 operates
with
±5.0 V for the analog signal conditioning, 5.0 V supply for
the analog-to-digital conversion, and 3.3 V digital supply for
the output stage. Each channel is completely independent, allow-
ing operation with independent Encode and Analog Inputs, while
maintaining minimal crosstalk and interference.
The AD13465 is packaged in a 68-lead ceramic gull wing
package. Manufacturing is done on Analog Devices’ MIL-
38534 Qualified Manufacturers Line (QML) and components
are available up to Class-H (–40
°C to +85°C). The components
are manufactured using Analog Devices’ high-speed comple-
mentary bipolar process (XFCB).
PRODUCT HIGHLIGHTS
1. Guaranteed sample rate of 65 MSPS.
2. Input signal conditioning included; gain and impedance
matching.
3. Single-ended, differential, or off-module filter options.
4. Fully tested/characterized full channel performance
5. Pin compatible with 12-bit AD13280 product family.


同様の部品番号 - AD13465AZ

メーカー部品番号データシート部品情報
logo
Microchip Technology
AD13 MICROCHIP-AD13 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
List of Unclassifed Man...
AD130 ETC1-AD130 Datasheet
329Kb / 4P
   GERMANIUM POWER TRANSISTORS
AD131 ETC1-AD131 Datasheet
329Kb / 4P
   GERMANIUM POWER TRANSISTORS
logo
HANAMICRON
AD1315 HANAMICRON-AD1315 Datasheet
247Kb / 8P
   High Speed Active Load with Inhibit Mode
AD1315KZ HANAMICRON-AD1315KZ Datasheet
247Kb / 8P
   High Speed Active Load with Inhibit Mode
More results

同様の説明 - AD13465AZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD10465 AD-AD10465 Datasheet
2Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10265 AD-AD10265 Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD13280 AD-AD13280 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
AD10465 AD-AD10465_15 Datasheet
1Mb / 24P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
REV. A
AD10465 AD-AD10465_17 Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
AD15452 AD-AD15452 Datasheet
340Kb / 16P
   12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
   A/D Converter with Analog Input Signal Conditioning
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com