データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD14160 データシート(PDF) 3 Page - Analog Devices

部品番号 AD14160
部品情報  Quad-SHARC DSP Multiprocessor Family
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD14160 データシート(HTML) 3 Page - Analog Devices

  AD14160 Datasheet HTML 1Page - Analog Devices AD14160 Datasheet HTML 2Page - Analog Devices AD14160 Datasheet HTML 3Page - Analog Devices AD14160 Datasheet HTML 4Page - Analog Devices AD14160 Datasheet HTML 5Page - Analog Devices AD14160 Datasheet HTML 6Page - Analog Devices AD14160 Datasheet HTML 7Page - Analog Devices AD14160 Datasheet HTML 8Page - Analog Devices AD14160 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
AD14160/AD14160L
–3–
REV. A
IOP REGISTERS
NORMAL WORD ADDRESSING
0x0000 0000
0x0002 0000
0x0004 0000
0x0008 0000
0x0010 0000
0x0018 0000
0x0020 0000
0x0028 0000
0x0030 0000
0x0038 0000
0x003F FFFF
SHORT WORD ADDRESSING
INTERNAL MEMORY SPACE
OF SHARC_B
ID=010
INTERNAL MEMORY SPACE
OF SHARC_A
ID=001
INTERNAL MEMORY SPACE
OF SHARC_C
ID=011
INTERNAL MEMORY SPACE
OF SHARC_D
ID=100
INTERNAL MEMORY SPACE
OF ADSP-2106x
WITH ID=101
INTERNAL MEMORY SPACE
OF ADSP-2106x
WITH ID=110
BROADCAST WRITE
TO ALL
ADSP-2106xs
NORMAL WORD ADDRESSING: 32-BIT DATA WORDS
48-BIT INSTRUCTION WORDS
SHORT WORD ADDRESSING: 16-BIT DATA WORDS
MS0
BANK 0
0x0040 0000
0xFFFF FFFF
MULTIPROCESSOR
MEMORY SPACE
BANK 1
BANK 2
DRAM
(OPTIONAL)
BANK 3
NONBANKED
MS1
MS2
MS3
BANK SIZE IS
SELECTED BY
MSIZE BIT FIELD OF
SYSCON
REGISTER.
EXTERNAL
MEMORY
SPACE
INTERNAL
MEMORY
SPACE
(INDIVIDUAL
SHARCs)
INTERNAL
TO AD14160x
EXTERNAL
TO AD14160x
Figure 2. AD14160/AD14160L Memory Map
CLKIN
RESET
BOOTSELECT A
BOOTSELECT BCD
SPORT0
JTAG
1X CLOCK
LINKS 1, 2, 3, & 4;
IRQ
2-0;
FLAG 3-0;
TIMEXP,
SPORT1
CPA
ID2-0
SHARC_D
LINKS 1, 2, 3, & 4;
IRQ
2-0;
FLAG 3-0;
TIMEXP,
SPORT1
CPA
ID2-0
SHARC_C
RD
WR
ACK
MS3-0
PAGE
SBTS
SW
ADRCLK
CS
HBR
HBG
REDY
BR1-6
DATA47-0
ADDR31-0
SHARC_A
LINKS 1, 2, 3, & 4;
IRQ
2-0;
FLAG 3-0;
TIMEXP,
SPORT1
CPA
ID2-0
SHARC_B
LINKS 1, 2, 3, & 4;
IRQ
2-0;
FLAG 3-0;
TIMEXP,
SPORT1
CPA
ID2-0
AD14160/
AD14160L
(QUAD PROCESSOR
CLUSTER)
SYSTEM EXPANSION
SPORT1
RPBA
DMAR1,2
DMAG1,2
Figure 3. Complete Shared Memory Multiprocessing System


同様の部品番号 - AD14160

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AD140 ETC1-AD140 Datasheet
329Kb / 4P
   GERMANIUM POWER TRANSISTORS
logo
Analog Devices
AD1403 AD-AD1403 Datasheet
80Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
AD1403 AD-AD1403 Datasheet
84Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
AD1403A AD-AD1403A Datasheet
80Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
AD1403A AD-AD1403A Datasheet
84Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
More results

同様の説明 - AD14160

メーカー部品番号データシート部品情報
logo
Analog Devices
AD14060 AD-AD14060 Datasheet
744Kb / 44P
   Quad-SHARC DSP Multiprocessor Family
REV. A
AD14060L AD-AD14060L_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
AD14060 AD-AD14060_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
ADSP-21060LCW-133 AD-ADSP-21060LCW-133 Datasheet
479Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
ADSP-21060C AD-ADSP-21060C Datasheet
478Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
ADSP-21061 AD-ADSP-21061_15 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
Rev. D
ADSP-21061LKSZ-160 AD-ADSP-21061LKSZ-160 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
REV. D
ADSP-21061L AD-ADSP-21061L_15 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
Rev. D
ADSP21062 AD-ADSP21062 Datasheet
338Kb / 48P
   DSP Microcomputer Family
REV. B
ADSP-2106X AD-ADSP-2106X Datasheet
366Kb / 47P
   DSP Microcomputer Family
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com