データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1816A データシート(PDF) 3 Page - Analog Devices

部品番号 AD1816A
部品情報  SoundPort Controller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1816A データシート(HTML) 3 Page - Analog Devices

  AD1816A Datasheet HTML 1Page - Analog Devices AD1816A Datasheet HTML 2Page - Analog Devices AD1816A Datasheet HTML 3Page - Analog Devices AD1816A Datasheet HTML 4Page - Analog Devices AD1816A Datasheet HTML 5Page - Analog Devices AD1816A Datasheet HTML 6Page - Analog Devices AD1816A Datasheet HTML 7Page - Analog Devices AD1816A Datasheet HTML 8Page - Analog Devices AD1816A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
SPECIFICATIONS
STANDARD TEST CONDITIONS UNLESS
OTHERWISE NOTED
Temperature
25
°C
Digital Supply (VDD)
5.0
V
Analog Supply (VCC)
5.0
V
Sample Rate (FS)
48
kHz
Input Signal Frequency
1008
Hz
Audio Output Passband
20 Hz to 20 kHz
VIH
5.0
V
VIL
0V
DAC Test Conditions
0 dB Attenuation
Input Full Scale
16-Bit Linear Mode
100 k
Ω Output Load
Mute Off
Measured at Line Output
ADC Test Conditions
0 dB Gain
Input –4 dB Relative to Full Scale
Line Input Selected
16-Bit Linear Mode
AD1816A
REV. A
–3–
ANALOG INPUT
Parameter
Min
Typ
Max
Units
Full-Scale Input Voltage (RMS Values Assume Sine Wave Input)
PHONE_IN, LINE, SYNTH, CD, VID
1
V rms
2.83
V p-p
MIC with +20 dB Gain (MGE = 1)
0.1
V rms
0.283
V p-p
MIC with 0 dB Gain (MGE = 0)
1
V rms
2.83
V p-p
Input Impedance*
17
k
Input Capacitance*
15
pF
PROGRAMMABLE GAIN AMPLIFIER—ADC
Parameter
Min
Typ
Max
Units
Step Size (0 dB to 22.5 dB)
(All Steps Tested)
1.5
dB
PGA Gain Range Span
22.5
dB
CD, LINE, MICROPHONE, SYNTHESIZER, AND VIDEO INPUT ANALOG GAIN/ATTENUATORS/MUTE AT LINE OUTPUT
Parameter
Min
Typ
Max
Units
CD, LINE, MIC, SYNTH, VID
Step Size: (All Steps Tested)
+12 dB to –34.5 dB
1.5
dB
Input Gain/Attenuation Range
46.5
dB
PHONE_IN
Step Size 0 dB to –45 dB: (All Steps Tested)
3.0
dB
Input Gain/Attenuation Range
45
dB


同様の部品番号 - AD1816A

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1816A AD-AD1816A_15 Datasheet
398Kb / 52P
   SoundPort Controller
REV. A
More results

同様の説明 - AD1816A

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1812 AD-AD1812 Datasheet
339Kb / 20P
   SoundPort Controller
REV. 0
AD1816A AD-AD1816A_15 Datasheet
398Kb / 52P
   SoundPort Controller
REV. A
AD1819B AD-AD1819B_15 Datasheet
249Kb / 28P
   AC97 SoundPort Codec
REV. 0
AD1819B AD-AD1819B Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1819A AD-AD1819A_15 Datasheet
278Kb / 28P
   AC 97 SoundPort Codec
REV. 0
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com