データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1854JRSRL データシート(PDF) 11 Page - Analog Devices

部品番号 AD1854JRSRL
部品情報  Stereo, 96 kHz, Multibit DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1854JRSRL データシート(HTML) 11 Page - Analog Devices

Back Button AD1854JRSRL Datasheet HTML 4Page - Analog Devices AD1854JRSRL Datasheet HTML 5Page - Analog Devices AD1854JRSRL Datasheet HTML 6Page - Analog Devices AD1854JRSRL Datasheet HTML 7Page - Analog Devices AD1854JRSRL Datasheet HTML 8Page - Analog Devices AD1854JRSRL Datasheet HTML 9Page - Analog Devices AD1854JRSRL Datasheet HTML 10Page - Analog Devices AD1854JRSRL Datasheet HTML 11Page - Analog Devices AD1854JRSRL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD1854
–11–
REV. A
TYPICAL PERFORMANCE
Figures 13 through 20 illustrate the typical analog performance
of the AD1854 as measured by an Audio Precision System Two.
Signal-to-Noise and THD+N performance are shown under a
range of conditions. Figure 14 shows the power supply rejection
020
2468
10
12
14
16
18
–60
–65
–105
–85
–90
–95
–100
–75
–80
–70
–110
–115
–120
–125
–130
FREQUENCY – kHz
–135
–140
–145
–150
–155
–160
–60
–65
–105
–85
–90
–95
–100
–75
–80
–70
–110
–115
–120
–125
–130
–135
–140
–145
–150
–155
–160
Figure 13. THD+N at 1 kHz, –0.5 dBFS (8K-Point FFT)
0
20
24
6
8
10
12
14
16
18
–40
–45
–85
–65
–70
–75
–80
–55
–60
–50
–100
–105
FREQUENCY – kHz
–110
–90
–95
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
–105
–110
Figure 14. THD+N vs. Frequency at –0.5 dBFS
020
2
4
6
8
10
12
14
16
18
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
–100
–110
–120
–130
–140
FREQUENCY – kHz
–150
–160
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
–100
–110
–120
–130
–140
–150
–160
Figure 15. Dynamic Range: 1 kHz at –60 dBFS
(8K Point FFT)
–120
0
–110 –100 –90 –80 –70 –60 –50 –40 –30
0
–60
–80
–40
–20
–100
–120
AMPLITUDE – dBFS
–20 –10
0
–20
–40
–60
–80
–100
–120
Figure 16. THD+N vs. Level at 1 kHz
20
50
100
200
500
1k
2k
5k
10k
20k
FREQUENCY – Hz
–40
–45
–65
–70
–75
–80
–55
–60
–50
–85
–90
–40
–45
–65
–70
–75
–80
–55
–60
–50
–85
–90
Figure 17. Power Supply Rejection to 300 mV p-p on AVDD
020
2
4
6
8
10
12
14
16
18
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
–100
–110
–120
–130
–140
FREQUENCY – kHz
–150
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–160
Figure 18. Noise Floor, A-Weighted (8K-Point FFT)
performance of the AD1854. Figure 15 shows the noise floor of
the AD1854. The digital filter transfer function is shown in
Figure 16. The two-tone test in Figure 17 is per the SMPTE
Standard for Measuring Intermodulation Distortion.


同様の部品番号 - AD1854JRSRL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
More results

同様の説明 - AD1854JRSRL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1855 AD-AD1855 Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1855 AD-AD1855_15 Datasheet
234Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com