データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA1823 データシート(PDF) 11 Page - Sanyo Semicon Device

部品番号 LA1823
部品情報  Single-Chip Tuner ICs for Use in Radio Cassette Recorder
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1823 データシート(HTML) 11 Page - Sanyo Semicon Device

Back Button LA1823 Datasheet HTML 4Page - Sanyo Semicon Device LA1823 Datasheet HTML 5Page - Sanyo Semicon Device LA1823 Datasheet HTML 6Page - Sanyo Semicon Device LA1823 Datasheet HTML 7Page - Sanyo Semicon Device LA1823 Datasheet HTML 8Page - Sanyo Semicon Device LA1823 Datasheet HTML 9Page - Sanyo Semicon Device LA1823 Datasheet HTML 10Page - Sanyo Semicon Device LA1823 Datasheet HTML 11Page - Sanyo Semicon Device LA1823 Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LA1823, LA1823M
No.6854-11/12
Continued from preceding page.
Pin
number
Function
Quiescent
voltage (V)
Remarks
Equivalent circuit
AM
FM
21
VCC2
4.5
4.4
FM-FE block VCC
Power is supplied from pin 4 (VCC1) via
external resistor (10
Ω)
22
24
FM-RF output
FM-RF input
4.5
0
4.4
0.9
Connect the FM-RF coil between this pin
and pin 21 (VCC2)
Rin = 1.8k
Ω
23
GND2
0
0
FM-FE block ground
21
22
24
21
4
R
Rin
Signal
VCC=4.5V
fc=98MHz
fm=1kHz, 22.5kHz dev
AM=30%mod
Signal
VCC=4.5V
fc=1000kHz
fm=1kHz, 30%mod
AM out
Noise
Noise
THD(22.5k)
THD(75k)
VCC=4.5V
fc=98MHz
fm=1kHz
VAGC
VCC=4.5V
fc=1000kHz
fm=1kHz, 30%mod
Input – dB/m
AM Characteristics
0
1
2
3
4
5
--20
140
Input – dB/m
AM Characteristics
--100
0
--20
140
Input – dB
μV EMF
FM Characteristics
--100
--80
--60
--40
--20
--80
--60
--40
--20
0
--20
0
20
40
60
80
100
120
0
20
40
60
80
100
120
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
Input – dB
μV EMF
FM Characteristics
0
1
2
5
3
4
0
2.5
0.5
1.0
1.5
2.0
--20
140


同様の部品番号 - LA1823

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1823 SANYO-LA1823 Datasheet
1Mb / 10P
   Single-Chip Tuner IC for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823 Datasheet
139Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
LA1823M SANYO-LA1823M Datasheet
139Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823_06 Datasheet
139Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
More results

同様の説明 - LA1823

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1823 SANYO-LA1823_06 Datasheet
139Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823 Datasheet
1Mb / 10P
   Single-Chip Tuner IC for Use in Radio Cassette Recorder
LA1824 SANYO-LA1824_09 Datasheet
112Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
LA1824 SANYO-LA1824 Datasheet
107Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
logo
Panasonic Semiconductor
AN7024 PANASONIC-AN7024 Datasheet
430Kb / 7P
   AM Tuner, FM-IF MPX IC for Radio, Radio Cassette Recorder
logo
STMicroelectronics
TDA7286 STMICROELECTRONICS-TDA7286 Datasheet
59Kb / 6P
   SINGLE CHIP PREAMPLIFIER FOR DOUBLE DECK RADIO CASSETTE RECORDER
logo
Sanyo Semicon Device
LV23000M SANYO-LV23000M Datasheet
144Kb / 14P
   Single-Chip Tuner IC for Radio/Cassette Players
LA1827M SANYO-LA1827M Datasheet
347Kb / 12P
   Single-Chip Tuner IC for Portable Radio/Cassette Recorders
logo
Panasonic Semiconductor
AN7223 PANASONIC-AN7223 Datasheet
43Kb / 3P
   AM Tuner, FM/AM IF Amplifier Circuit for Radio Cassette Recorder
AN7017S PANASONIC-AN7017S Datasheet
64Kb / 5P
   FM/TV Front-end ICs for 1.5V Headphone Stereo, Radio Cassette Recorder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com