データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJ13333 データシート(PDF) 1 Page - Motorola, Inc

部品番号 MJ13333
部品情報  20 AMPERE NPN SILICON POWER TRANSISTORS 400-500 VOLTS 175 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ13333 データシート(HTML) 1 Page - Motorola, Inc

  MJ13333 Datasheet HTML 1Page - Motorola, Inc MJ13333 Datasheet HTML 2Page - Motorola, Inc MJ13333 Datasheet HTML 3Page - Motorola, Inc MJ13333 Datasheet HTML 4Page - Motorola, Inc MJ13333 Datasheet HTML 5Page - Motorola, Inc MJ13333 Datasheet HTML 6Page - Motorola, Inc MJ13333 Datasheet HTML 7Page - Motorola, Inc MJ13333 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Bipolar Power Transistor Device Data
Designer's™ Data Sheet
SWITCHMODE Series
NPN Silicon Power Transistor
The MJ13333 transistor is designed for high voltage, high–speed, power switching
in inductive circuits where fall time is critical. It is particularly suited for line operated
switchmode applications such as:
• Switching Regulators
• Inverters
• Solenoid and Relay Drivers
• Motor Controls
• Deflection Circuits
Fast Turn Off Times
200 ns Inductive Fall Time — 25
_C (Typ)
1.8
µs Inductive Storage Time — 25_C (Typ)
Operating Temperature Range – 65 to + 200
_C
100
_C Performance Specified for:
Reversed Biased SOA with Inductive Loads
Switching Times with Inductive Loads
Saturation Voltages
Leakage Currents
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
400
Vdc
Collector–Emitter voltage
VCEV
700
Vdc
Emitter Base Voltage
VEB
6.0
Vdc
Collector Current — Continuous
Peak (1)
IC
ICM
20
30
Adc
Base Current — Continuous
Peak (1)
IB
IBM
10
15
Adc
Total Power Dissipation @ TC = 25_C
@ TC = 100_C
Derate above 25
_C
PD
175
100
1.0
Watts
W/
_C
Operating and Storage Junction Temperature Range
TJ, Tstg
– 65 to + 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
1.0
_C/W
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 5 Seconds
TL
275
_C
(1) Pulse Test: Pulse Width = 5 ms, Duty Cycle
v10%.
(1) Similar device types available with lower VCEO ratings, see the MJ13330 (200 V) and MJ13331 (250 V).
Designer’s and SWITCHMODE are trademarks of Motorola, Inc.
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJ13333/D
© Motorola, Inc. 1995
20 AMPERE
NPN SILICON
POWER TRANSISTORS
400–500 VOLTS
175 WATTS
MJ13333
CASE 1–07
TO–204AA
(TO–3)
REV 1


同様の部品番号 - MJ13333

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MJ13333 ONSEMI-MJ13333 Datasheet
278Kb / 8P
   NPN SILICON POWER TRANSISTORS
REV 1
logo
Inchange Semiconductor ...
MJ13333 ISC-MJ13333 Datasheet
278Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
MJ13333 NJSEMI-MJ13333 Datasheet
91Kb / 2P
   Silicon NPN Power Transistor
logo
Mospec Semiconductor
MJ13333 MOSPEC-MJ13333 Datasheet
83Kb / 2P
   SWITCHMODE SERIES NPN SILICON TRANSISTORS
More results

同様の説明 - MJ13333

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MJ10005 MOTOROLA-MJ10005 Datasheet
229Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS
MJ10009 MOTOROLA-MJ10009 Datasheet
235Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 450 and 500 VOLTS 175 WATTS
MJ10000 MOTOROLA-MJ10000 Datasheet
212Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 VOLTS 175 WATTS
MJ10012 MOTOROLA-MJ10012 Datasheet
191Kb / 6P
   10 AMPERE POWER TRANSISTORS DARLINGTON NPN SILICON 400 VOLTS 175 AND 118 WATTS
MJ10015 MOTOROLA-MJ10015 Datasheet
217Kb / 6P
   50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS
BU323A MOTOROLA-BU323A Datasheet
239Kb / 6P
   16 AMPERE PEAK POWER TRANSISTOR DARLINGTON NPN SILICON 400 VOLTS 175 WATTS
MJ10007 MOTOROLA-MJ10007 Datasheet
228Kb / 8P
   10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS
MJD47 MOTOROLA-MJD47 Datasheet
184Kb / 6P
   NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS
logo
ON Semiconductor
2N5038 ONSEMI-2N5038_07 Datasheet
84Kb / 3P
   NPN Silicon Transistors 20 AMPERE POWER TRANSISTORS 90 VOLTS - 140 WATTS
August, 2007 - Rev. 12
logo
Motorola, Inc
MJ16010 MOTOROLA-MJ16010 Datasheet
548Kb / 10P
   15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com