データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1959 データシート(PDF) 1 Page - Analog Devices

部品番号 AD1959
部品情報  PLL/Multibit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1959 データシート(HTML) 1 Page - Analog Devices

  AD1959 Datasheet HTML 1Page - Analog Devices AD1959 Datasheet HTML 2Page - Analog Devices AD1959 Datasheet HTML 3Page - Analog Devices AD1959 Datasheet HTML 4Page - Analog Devices AD1959 Datasheet HTML 5Page - Analog Devices AD1959 Datasheet HTML 6Page - Analog Devices AD1959 Datasheet HTML 7Page - Analog Devices AD1959 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD1959
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
PLL/Multibit - DAC
FUNCTIONAL BLOCK DIAGRAM
OSC
PLL
CIRCUIT
SERIAL CONTROL
INTERFACE
VOLTAGE
REFERENCE
MCLK
AD1959
XIN
LOOP
FILTERS
CLOCK
OUTPUTS
CONTROL DATA
INPUT
MULTIBIT
SIGMA-DELTA
MODULATOR
INTERPOLATOR
8
FS
ATTEN/MUTE
DAC
OUTPUT
BUFFER
SERIAL
DATA
INTERFACE
MULTIBIT
SIGMA-DELTA
MODULATOR
ATTEN/MUTE
DAC
OUTPUT
BUFFER
16-/20-/24-
BIT DIGITAL
DATA INPUT
3
L
R
ANALOG
OUTPUTS
RESET
MUTE
ZERO FLAG
PLL SUPPLY
DIGITAL SUPPLY
ANALOG SUPPLY
3
2
2
3
23
INTERPOLATOR
8
FS
XOUT
FEATURES
5 V Stereo Audio DAC System
Accepts 16-Bit/20-Bit/24-Bit Data
Supports 24 Bits, 192 kHz Sample Rate
Accepts a Wide Range of Sample Rates Including:
32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz, and 192 kHz
Multibit Sigma-Delta Modulator with Data Directed
Scrambling
Single-Ended Output for Easy Application
–94 dB THD + N
108 dB SNR and Dynamic Range
75 dB Stopband Attenuation
Clickless Volume Control
Hardware and Software Controllable Clickless Mute
Serial (SPI) Control for: Serial Mode, Number of Bits,
Sample Rate, Volume, Mute, De-Emphasis and
Output Phase
Digital De-Emphasis Processing for 32 kHz, 44.1 kHz,
and 48 kHz Sample Rates
Programmable Dual Fractional-N PLL Clock Generator
27 MHz Master Clock Input/Oscillator
Generated System Clocks
SCLK0: 33.8688 MHz
SCLK1: 384/256 fS (32 kHz/44.1 kHz/48 kHz/88.2 kHz/
96 kHz)
SCLK2: 512 fS (32 kHz/44.1 kHz/48 kHz/88.2 kHz/
96 kHz)/22.5792 MHz
Better than 100 ps RMS Clock Jitter
Flexible Serial Data Port with Right-Justified, Left-
Justified, I2S-Compatible, and DSP Serial Port Modes
28-Lead SSOP Plastic Package
APPLICATIONS
DVD, CD, Home Theater Systems, Automotive Audio
Systems, Sampling Musical Keyboards, Digital Mixing
Consoles, Digital Audio Effects Processors
PRODUCT OVERVIEW
The AD1959 is a complete high-performance single-chip stereo
digital audio playback system. It is comprised of a multibit sigma-
delta modulator, digital interpolation filters, and analog output
drive circuitry with an on-board dual PLL clock generator.
Other features include an on-chip stereo attenuator and mute,
programmed through an SPI-compatible serial control port.
The AD1959 is fully compatible with all known DVD formats
including 96 kHz and 192 kHz sample frequencies and 24 bits.
It also is backwards-compatible by supporting 50
µs/15 µs
digital de-emphasis for “redbook” compact discs, as well as
de-emphasis at 32 kHz and 48 kHz sample rates.
The AD1959 has a simple but flexible serial data input port that
allows for glueless interconnection to a variety of ADCs, DSP
chips, AES/EBU receivers, and sample rate converters. The
AD1959 can be configured in left-justified, I
2S, right-justified,
or DSP serial-port-compatible modes. It can support 16, 20,
and 24 bits in all modes. The AD1959 accepts serial audio data
in MSB first, two’s-complement format, and operates from a
single 5 V power supply. It is fabricated on a single monolithic
integrated circuit and housed in a 28-lead SSOP package for
operation over the temperature range –40
°C to +105°C.


同様の部品番号 - AD1959

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1959 AD-AD1959_15 Datasheet
104Kb / 8P
   PLL/Multibit DAC
REV. 0
More results

同様の説明 - AD1959

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1958 AD-AD1958 Datasheet
135Kb / 8P
   PLL/Multibit DAC
REV. 0
AD1958 AD-AD1958_15 Datasheet
634Kb / 8P
   PLL/Multibit DAC
REV. 0
AD1959 AD-AD1959_15 Datasheet
104Kb / 8P
   PLL/Multibit DAC
REV. 0
AD1855 AD-AD1855 Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1854 AD-AD1854 Datasheet
390Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1855 AD-AD1855_15 Datasheet
234Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com