データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD20MSP410 データシート(PDF) 5 Page - Analog Devices

部品番号 AD20MSP410
部品情報  GSM Baseband Processing Chipset
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD20MSP410 データシート(HTML) 5 Page - Analog Devices

  AD20MSP410 Datasheet HTML 1Page - Analog Devices AD20MSP410 Datasheet HTML 2Page - Analog Devices AD20MSP410 Datasheet HTML 3Page - Analog Devices AD20MSP410 Datasheet HTML 4Page - Analog Devices AD20MSP410 Datasheet HTML 5Page - Analog Devices AD20MSP410 Datasheet HTML 6Page - Analog Devices AD20MSP410 Datasheet HTML 7Page - Analog Devices AD20MSP410 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD20msp410
–5–
REV. 0
Analog Voice Interface to BBC
The analog voice interface to the BBC is specified in the
AD7015 data sheet. Several design examples are given for
single-ended or differential inputs or outputs. A voltage
reference for biasing the microphone signal is provided on the
BBC. The analog output of the BBC is capable of driving an
earpiece directly with and impedance of 150
Ω. For optional
use of a separate external microphone and power amplifier, a set
of auxiliary inputs/outputs is provided.
Radio Interface to BBC and PLP
The analog interface between the BBC and the radio subsystem
consists of differential inputs and outputs for the I and Q parts
of the signal and three analog control signals for AFC, AGC and
transmit ramp envelope. Details of these signals are specified in
the AD7015 data sheet. The digital interface between the PLP
and the radio subsystem consists of a serial port for communi-
cating with the synthesizers and several control signals as
specified in detail in the ADPLP01 data sheet.
Digital SIM Card Interface to PLP
The PLP is designed to interface directly to the SIM. However
interface logic may be necessary to connect the 3 V chipset to a
5 V SIM.
Digital Interface to Keypad
Keypad interface logic for up to 40 keys is provided on the PLP.
This interface provides keyboard scan for 8 Rows and 4
columns. Additionally an extra pin on the PLP is provided for
the power switch.
Digital Bus Interface to Memory and Display
External RAM and ROM as well as the display controller
interfaces directly to the 21-bit address bus and 16-bit data bus
of the PLP.
Interface to FLASH Memory
The large FLASH memory can contain all programs for the
embedded Control Processor of the PLP. This includes the
complete GSM protocol software as well as the User Interface
Software. A size of 4 Mbit to 8 Mbit is suggested to accommo-
date all Protocol software plus a typical size of User Interface
Software. Enhanced features, requiring larger memories are
supported easily by the large address space of the embedded
Control Processor. To facilitate production programming and
field upgrades of the FLASH memories, the PLP provides
embedded code to download the software into the FLASH
memory via its standard serial port.
Interface to SRAM
Beside the FLASH memory, the Control Processor additionally
supports static RAM to store user defined variables, typically
those used by the Protocol Stack or Application Layer. Standard
SRAMs interface directly to the address and data bus of the
PLP.
Interface to Display Controller
This interface is achieved through the address and data buses
and associated read and write strobes, as well as a specific
enable signal. An integrated wait state generator helps interface
to a wide range of display controllers. Two pins with PWM
outputs control the intensity of separate backlights for display
and keypad.
• Full engineering and test mode support
• Support for all phase 1 and phase 2 handover modes
• SIM Interface driver
• Message interfacing to Layer 3 (Radio Resources Manager)
and Layer 2 (data link layer, both signaling and data)
• External functions for AGC, AFC and synthesizer setting are
called by Layer 1. These allow the user to configure the
system for a wide range of radio architectures including the
TTP GSM reference radio.
• The higher layers of the protocol stack also reside on this
embedded processor. A GSM Phase 2 compliant, Layer 2/3
protocol stack is available from The Technology Partnership.
POWER DISSIPATION CONSIDERATIONS
In mobile applications, minimizing the power consumption of
all devices is critical to achieving longer standby and talk times.
In a GSM handset the baseband subsystem dominates the
current consumption of the phone in standby. The design of the
ASP, PLP and BBC includes extensive features to reduce current
consumption and give standby times of up to 70 hours.
All three devices were specifically designed to operate from
2.7 V to 3.6 V, so facilitating three or four cell NiCad/NiMH or
single-cell Li Ion batteries.
The PLP incorporates intelligent power management, permit-
ting automatic control of power consumption in the PLP and
the peripheral circuitry. Data processing modules are switched
on only when they process data, otherwise they are powered
down.
Additional control signals are provided that enable the Layer 1
software to control the external subsystems, such as the ASP,
BBC, radio and memory components, so that their power is
intelligently switched by the PLP.
Within the ASP the different powerdown modes range from a
simple “wait for interrupt” state to a complete hardware
powerdown, with only leakage currents dissipating power.
In the BBC, the powerdown functions are split separately
between receive, transmit and auxiliary circuits. This provides
optimal analog power performance when operating in different
modes.
INTERFACES
Figure 5 shows the chipset’s eight interfaces, which have to be
considered in the design of the complete mobile radio. Some of
these interfaces have to meet GSM specifications, others will be
design specific.
• Analog Voice Interface to BBC
• Radio Interface to BBC and PLP
• Digital SIM Card Interface to PLP
• Digital Interface to the Keypad
• Digital Bus Interface from PLP to Memory and Display
• Digital Interface from the PLP to the EEPROM
• Digital Audio Interface (DAI)
• Digital Interface to PLP for Data Services


同様の部品番号 - AD20MSP410

メーカー部品番号データシート部品情報
logo
Analog Devices
AD20MSP415 AD-AD20MSP415 Datasheet
66Kb / 8P
   GSM/DCS1800/PCS1900 Baseband Processing Chipset
REV. 0
More results

同様の説明 - AD20MSP410

メーカー部品番号データシート部品情報
logo
Analog Devices
AD20MSP415 AD-AD20MSP415 Datasheet
66Kb / 8P
   GSM/DCS1800/PCS1900 Baseband Processing Chipset
REV. 0
logo
Texas Instruments
DBB03A TI-DBB03A Datasheet
114Kb / 9P
[Old version datasheet]   Baseband ASIC for Dolphin Chipset
DBB03 TI-DBB03 Datasheet
98Kb / 8P
[Old version datasheet]   Baseband ASIC for Dolphin Chipset
logo
NXP Semiconductors
PCF5083 PHILIPS-PCF5083 Datasheet
602Kb / 136P
   GSM signal processing IC
1996 Oct 29
logo
Broadcom Corporation.
ML2011 BOARDCOM-ML2011 Datasheet
130Kb / 1P
   GSM SINGLE-CHIP BASEBAND PROCESSOR
logo
Analog Devices
AD6526 AD-AD6526_15 Datasheet
92Kb / 1P
   GSM/GPRS Digital Baseband Processor
Rev. PrA
AD6526 AD-AD6526 Datasheet
86Kb / 1P
   GSM/GPRS Digital Baseband Processor
Rev. PrA
logo
NXP Semiconductors
PCF50732 PHILIPS-PCF50732 Datasheet
322Kb / 64P
   Baseband and audio interface for GSM
1999 May 03
logo
Broadcom Corporation.
BCM2121 BOARDCOM-BCM2121 Datasheet
131Kb / 2P
   GPRS/GSM SINGLE CHIP BASEBAND PROCESSOR
logo
Analog Devices
AD7001 AD-AD7001 Datasheet
619Kb / 16P
   LC2MOS GSM Baseband I/O Port
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com