データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJ15001 データシート(PDF) 3 Page - Motorola, Inc

部品番号 MJ15001
部品情報  15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 200 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ15001 データシート(HTML) 3 Page - Motorola, Inc

  MJ15001 Datasheet HTML 1Page - Motorola, Inc MJ15001 Datasheet HTML 2Page - Motorola, Inc MJ15001 Datasheet HTML 3Page - Motorola, Inc MJ15001 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MJ15001 MJ15002
3
Motorola Bipolar Power Transistor Device Data
IC, COLLECTOR CURRENT (AMP)
0.7
1
2
3
5
10
7
20
0.2 0.3
0.5
2
0.7
1
2
3
5
10
7
20
0.2 0.3
0.5
Figure 2. Capacitances
IC, COLLECTOR CURRENT (AMP)
2.0
1.6
1.2
0.4
0.8
0
0.7
1
2
3
5
10
7
20
IC, COLLECTOR CURRENT (AMP)
VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Current–Gain — Bandwidth Product
Figure 4. DC Current Gain
700
500
1000
3
5
10
150
2
300
200
100
70
50
30
20
7
IC, COLLECTOR CURRENT (AMP)
Figure 5. “On” Voltages
10
20
30
70
50
100
1.5
9
8
10
0.3
0.5
1
0.2
4
3
2
1
0.7
MJ15002 (PNP)
0
3
5
10
7
0.1
2
7
6
5
IC, COLLECTOR CURRENT (AMP)
0.2 0.3
0.5
TJ = 25°C
VBE @ VCE = 2 Vdc
VCE(sat) @ IC/IB = 10
TJ = 100°C
25
°C
100
°C
2.0
1.6
1.2
0.4
0.8
0
0.7
1
2
3
5
10
7
20
0.2 0.3
0.5
TJ = 100°C
25
°C
VCE = 2 Vdc
TJ = 25°C
VCE = 10 V
ftest = 0.5 MHz
Cib
MJ15001 (NPN)
TJ = 25°C
MJ15001 (NPN)
MJ15002 (PNP)
70
50
100
30
20
10
7
5
3
2
200
70
50
100
30
20
10
7
5
3
200
Cib
Cob
Cob
MJ15001
MJ15002
MJ15001
MJ15002
VCE = 2 Vdc
TJ = 100°C
25
°C
VBE @ VCE = 2 Vdc
TJ = 25°C
100
°C
VCE(sat) @ IC/IB = 10
TJ = 100°C
25
°C
TYPICAL CHARACTERISTICS


同様の部品番号 - MJ15001

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MJ15001 ONSEMI-MJ15001 Datasheet
165Kb / 4P
   POWER TRANSISTORS COMPLEMENTARY SILICON
August, 2011 ??Rev. 5
MJ15001 ONSEMI-MJ15001 Datasheet
71Kb / 4P
   Complementary Silicon Power Transistors
December, 2005 ??Rev. 4
logo
Savantic, Inc.
MJ15001 SAVANTIC-MJ15001 Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
MJ15001 ISC-MJ15001 Datasheet
129Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
MJ15001 SAVANTIC-MJ15001 Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
More results

同様の説明 - MJ15001

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MJL3281A MOTOROLA-MJL3281A Datasheet
203Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 200 WATTS
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
MJ15003 MOTOROLA-MJ15003 Datasheet
119Kb / 4P
   20 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 250 WATTS
logo
ON Semiconductor
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
   Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
MJL21193 ONSEMI-MJL21193_07 Datasheet
152Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2007 ??Rev. 5
logo
Motorola, Inc
MJL21193 MOTOROLA-MJL21193 Datasheet
159Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 200 WATTS
MJH11017 MOTOROLA-MJH11017 Datasheet
212Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
MJE200 MOTOROLA-MJE200 Datasheet
255Kb / 6P
   5 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 25 VOLTS 15 WATTS
2N3055 MOTOROLA-2N3055 Datasheet
130Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
MJE243 MOTOROLA-MJE243 Datasheet
235Kb / 6P
   4 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 15 WATTS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com