データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1304 データシート(PDF) 4 Page - Transcom, Inc.

部品番号 TC1304
部品情報  Low Noise and Medium Power GaAs FETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRANSCOM [Transcom, Inc.]
ホームページ  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1304 データシート(HTML) 4 Page - Transcom, Inc.

  TC1304 Datasheet HTML 1Page - Transcom, Inc. TC1304 Datasheet HTML 2Page - Transcom, Inc. TC1304 Datasheet HTML 3Page - Transcom, Inc. TC1304 Datasheet HTML 4Page - Transcom, Inc. TC1304 Datasheet HTML 5Page - Transcom, Inc. TC1304 Datasheet HTML 6Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TC1304
REV5_20070502
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
4 / 6
TYPICAL SCATTERING PARAMETERS (TA=25
°°°°C) VDS = 6 V, IDS = 80 mA
10.0
5.0
3.0
4.0
-0.2
-0.4
Swp Max
18GHz
Swp Min
2GHz
S11
0
15
30
150
165
-180
-165
-150
-30
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
0.08
0.02
Per Div
S12
0
15
30
150
165
-180
-165
-150
-30
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
10
2
Per Div
S21
10.0
5.0
3.0
4.0
-0.2
-0.4
Swp Max
18GHz
Swp Min
2GHz
S22
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2
0.8887
-92.62
9.9171
124.88
0.0530
42.67
0.3809
-62.75
3
0.8506
-115.69
7.5873
110.88
0.0608
32.56
0.3220
-79.19
4
0.8304
-130.42
6.0381
101.19
0.0645
26.75
0.2893
-90.22
5
0.8190
-140.49
4.9806
93.79
0.0665
23.24
0.2725
-97.99
6
0.8123
-147.80
4.2262
87.71
0.0678
21.03
0.2653
-103.70
7
0.8081
-153.38
3.6657
82.44
0.0686
19.63
0.2641
-108.08
8
0.8054
-157.83
3.2350
77.72
0.0692
18.76
0.2668
-111.56
9
0.8036
-161.48
2.8946
73.38
0.0697
18.26
0.2723
-114.43
10
0.8024
-164.56
2.6194
69.31
0.0702
18.02
0.2795
-116.90
11
0.8016
-167.23
2.3926
65.45
0.0706
17.97
0.2882
-119.08
12
0.8011
-169.58
2.2027
61.76
0.0710
18.07
0.2978
-121.07
13
0.8009
-171.67
2.0414
58.21
0.0714
18.28
0.3081
-122.91
14
0.8008
-173.57
1.9028
54.76
0.0718
18.58
0.3189
-124.66
15
0.8008
-175.32
1.7825
51.41
0.0723
18.95
0.3301
-126.33
16
0.8009
-176.93
1.6770
48.14
0.0728
19.38
0.3416
-127.94
17
0.8012
-178.44
1.5839
44.94
0.0733
19.84
0.3532
-129.51
18
0.8015
-179.85
1.5011
41.81
0.0738
20.34
0.3649
-131.05
SMALL SIGNAL MODEL, VDS = 4 V, IDS = 50 mA


同様の部品番号 - TC1304

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC1304 MICROCHIP-TC1304 Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1304-1G0EMF MICROCHIP-TC1304-1G0EMF Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1304-1G0EMFTR MICROCHIP-TC1304-1G0EMFTR Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1304-1G0EUN MICROCHIP-TC1304-1G0EUN Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1304-1G0EUNTR MICROCHIP-TC1304-1G0EUNTR Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
More results

同様の説明 - TC1304

メーカー部品番号データシート部品情報
logo
Transcom, Inc.
TC1201 TRANSCOM-TC1201 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
TC1201V TRANSCOM-TC1201V Datasheet
122Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1101V TRANSCOM-TC1101V Datasheet
90Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1301 TRANSCOM-TC1301 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
List of Unclassifed Man...
TC1301 ETC-TC1301 Datasheet
206Kb / 6P
   Low Noise and Medium Power GaAs FETs
TC1101 ETC2-TC1101 Datasheet
154Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1101 TRANSCOM-TC1101 Datasheet
250Kb / 5P
   Low Noise and Medium Power GaAs FETs
TC1304V TRANSCOM-TC1304V Datasheet
71Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1301V TRANSCOM-TC1301V Datasheet
73Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC2384 TRANSCOM-TC2384 Datasheet
192Kb / 4P
   Low Noise and Medium Power Packaged GaAs FETs
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com