データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1501N データシート(PDF) 2 Page - Transcom, Inc.

部品番号 TC1501N
部品情報  1W High Linearity and High Efficiency GaAs Power FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRANSCOM [Transcom, Inc.]
ホームページ  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1501N データシート(HTML) 2 Page - Transcom, Inc.

  TC1501N Datasheet HTML 1Page - Transcom, Inc. TC1501N Datasheet HTML 2Page - Transcom, Inc. TC1501N Datasheet HTML 3Page - Transcom, Inc. TC1501N Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TC1501N
REV4_20070502
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
2 / 4
ABSOLUTE MAXIMUM RATINGS (TA=25
°°°°C)
Symbol
Parameter
Rating
VDS
Drain-Source Voltage
12 V
VGS
Gate-Source Voltage
-5 V
IDS
Drain Current
IDSS
Pin
RF Input Power, CW
28 dBm
PT
Continuous Dissipation
3.8 W
TCH
Channel Temperature
175
°C
TSTG
Storage Temperature
- 65
°C to +175 °C
CHIP DIMENSIONS
S
G
G
S
S
D
D
600±
±±
± 12
470±
±±
± 12
Units: Micrometers
Chip Thickness: 50
Gate Pad: 79 x 59.5
Drain Pad: 86.0 x 76.0
Source Pad: 80 x 86
CHIP HANDLING
DIE ATTACHMENT: Conductive epoxy or eutectic die attach is recommended. Eutectic die attach can be
accomplished with Au-Sn (80%Au-20%Sn) perform at stage temperature: 290
°C ± 5°C; Handling Tool: Tweezers;
Time: less than 1min.
WIRE BONDING: The recommended wire bond method is thermocompression bonding with 0.7 to 1.0 mil
(0.018 to 0.025 mm) gold wire. Stage temperature: 220
°C to 250°C; Bond Tip Temperature: 150°C; Bond Force:
20 to 30 gms depending on size of wire and Bond Tip Temperature.
HANDLING PRECAUTIONS: The user must operate in a clean, dry environment. Care should be exercised
during handling avoid damage to the devices. Electrostatic Discharge (ESD) precautions should be observed at all
stages of storage, handling, assembly, and testing. The static discharge must be less than 300V.
TYPICAL SCATTERING PARAMETERS
(TA=25
°°°°C) V
DS = 8 V, IDS = 240 mA


同様の部品番号 - TC1501N

メーカー部品番号データシート部品情報
logo
Transcom, Inc.
TC1501 TRANSCOM-TC1501 Datasheet
179Kb / 5P
   1W High Linearity and High Efficiency GaAs Power FETs
More results

同様の説明 - TC1501N

メーカー部品番号データシート部品情報
logo
Transcom, Inc.
TC1504N TRANSCOM-TC1504N Datasheet
186Kb / 6P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1501 TRANSCOM-TC1501 Datasheet
179Kb / 5P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1601 TRANSCOM-TC1601 Datasheet
108Kb / 4P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1801 TRANSCOM-TC1801 Datasheet
109Kb / 3P
   5W High Linearity and High Efficiency GaAs Power FETs
TC1404N TRANSCOM-TC1404N Datasheet
73Kb / 3P
   0.5W High Linearity and High Efficiency GaAs Power FETs
TC1606N TRANSCOM-TC1606N Datasheet
67Kb / 2P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1806 TRANSCOM-TC1806 Datasheet
158Kb / 4P
   5W High Linearity and High Efficiency GaAs Power FETs
TC1606 TRANSCOM-TC1606 Datasheet
150Kb / 4P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1706 TRANSCOM-TC1706 Datasheet
135Kb / 4P
   3 W High Linearity and High Efficiency GaAs Power FETs
TC1401N TRANSCOM-TC1401N Datasheet
175Kb / 5P
   0.5 W High Linearity and High Efficiency GaAs Power FETs
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com