データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJ11031 データシート(PDF) 2 Page - Motorola, Inc

部品番号 MJ11031
部品情報  50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ11031 データシート(HTML) 2 Page - Motorola, Inc

  MJ11031 Datasheet HTML 1Page - Motorola, Inc MJ11031 Datasheet HTML 2Page - Motorola, Inc MJ11031 Datasheet HTML 3Page - Motorola, Inc MJ11031 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MJ11028 MJ11030 MJ11032 MJ11029 MJ11031 MJ11033
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (1)
MJ11028, MJ11029
(IC = 1 00 mAdc, IB = 0)
MJ11030, MJ11031
MJ11032, MJ11033
V(BR)CEO
60
90
120
Vdc
Collector–Emitter Leakage Current
(VCE = 60 Vdc, RBE = 1 k ohm)
MJ11028, MJ11029
(VCE = 90 Vdc, RBE = 1 k ohm)
MJ11030, MJ11031
(VCE = 120 Vdc, RBE = 1 k ohm)
MJ11032, MJ11033
(VCE = 60 Vdc, RBE = 1 k ohm, TC = 150_C)
MJ11028, MJ11029
(VCE = 90 Vdc, RBE = 1 k ohm, TC = 150_C)
MJ11030, MJ11031
(VCE = 120 Vdc, RBE = 1 k ohm, TC = 150_C)
MJ11032, MJ11033
ICER
2
2
2
10
10
10
mAdc
Emitter Cutoff Current (VBE = 5 Vdc, IC = 0)
IEBO
5
mAdc
Collector–Emitter Leakage Current (VCE = 50 Vdc, IB = 0)
ICEO
2
mAdc
ON CHARACTERISTICS (1)
DC Current Gain
(IC = 25 Adc, VCE = 5 Vdc)
(IC = 50 Adc, VCE = 5 Vdc)
hFE
1 k
400
18 k
Collector–Emitter Saturation Voltage
(IC = 25 Adc, IB = 250 mAdc)
(IC = 50 Adc, IB = 500 mAdc)
VCE(sat)
2.5
3.5
Vdc
Base–Emitter Saturation Voltage
(IC = 25 Adc, IB = 200 mAdc)
(IC = 50 Adc, IB = 300 mAdc)
VBE(sat)
3.0
4.5
Vdc
(1) Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2.0%.
100
0.2
Figure 2. DC Safe Operating Area
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.1
0.5
1
2
5
10
20
50
200
20
10
5
50
2
1
0.5
0.2
BONDING WIRE LIMITED
THERMALLY LIMITED @ TC = 25°C
SECOND BREAKDOWN LIMITED
MJ11028, 29
MJ11030, 31
MJ11032, 33
100
There are two limitations on the power–handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation,
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 2 is based on TJ(pk) = 200_C; TC is
variable depending on conditions. At high case tempera-
tures, thermal limitations will reduce the power that can be
handled to values less than the limitations imposed by se-
cond breakdown.
IC, COLLECTOR CURRENT (AMP)
100 k
IC, COLLECTOR CURRENT (AMP)
50 k
20 k
10 k
5 k
2 k
500
Figure 3. DC Current Gain
1
2
5
10
100
20
50
Figure 4. “On” Voltage
100
VCE = 5 V
TJ = 25°C
1 k
200
MJ11029, MJ11031, MJ11033 PNP
MJ11028, MJ11030, MJ11032 NPN
5
4
3
2
1
1
2
5
10
100
20
50
0
3
TJ = 25°C
IC/IB = 100
VBE(sat)
80
µs
(PULSED)
MJ11029, MJ11031, MJ11033 PNP
MJ11028, MJ11030, MJ11032 NPN
80
µs
(PULSED)
VCE(sat)


同様の部品番号 - MJ11031

メーカー部品番号データシート部品情報
logo
Mospec Semiconductor
MJ11031 MOSPEC-MJ11031 Datasheet
154Kb / 3P
   POWER TRANSISTOR(50A,60-120V,300W)
logo
ON Semiconductor
MJ11031 ONSEMI-MJ11031 Datasheet
153Kb / 4P
   COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
1995
logo
Seme LAB
MJ11031 SEME-LAB-MJ11031 Datasheet
59Kb / 2P
   COMPLEMENTARY DARLINGTON POWER TRANSISTOR
logo
Inchange Semiconductor ...
MJ11031 ISC-MJ11031 Datasheet
53Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results

同様の説明 - MJ11031

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MJ11017 MOTOROLA-MJ11017 Datasheet
235Kb / 6P
   30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
MJ11012 MOTOROLA-MJ11012 Datasheet
157Kb / 4P
   30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
logo
ON Semiconductor
MJH11017 ONSEMI-MJH11017_06 Datasheet
86Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
logo
Motorola, Inc
MJ2500 MOTOROLA-MJ2500 Datasheet
132Kb / 4P
   10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
logo
ON Semiconductor
MJH6284 ONSEMI-MJH6284_06 Datasheet
82Kb / 5P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 100 VOLTS, 160 WATTS
July, 2006 ??Rev. 5
MJE15028 ONSEMI-MJE15028_06 Datasheet
79Kb / 6P
   8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120??50 VOLTS, 50 WATTS
February, 2006 ??Rev. 4
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
logo
Motorola, Inc
MJE270 MOTOROLA-MJE270 Datasheet
109Kb / 4P
   2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS 15 WATTS
MJE15028 MOTOROLA-MJE15028 Datasheet
217Kb / 6P
   8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS
logo
ON Semiconductor
MJE270 ONSEMI-MJE270 Datasheet
58Kb / 3P
   2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS, 15 WATTS
January, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com