データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACE705125BN+H データシート(PDF) 6 Page - ACE Technology Co., LTD.

部品番号 ACE705125BN+H
部品情報  High efficiency, Low supply current, step-up DC/DC Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACE [ACE Technology Co., LTD.]
ホームページ  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE705125BN+H データシート(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE705125BN+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE705125BN+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE705125BN+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE705125BN+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE705125BN+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE705125BN+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE705125BN+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE705125BN+H Datasheet HTML 9Page - ACE Technology Co., LTD. ACE705125BN+H Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ACE705
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
6
The reference circuit provides stable reference voltage to output stable output voltage. Because internal
trimming technology is used, the chip output change less than ±2%. At the same time,the problem of
temperature-drift coefficient of output voltage is considered in design,
so temperature-drift coefficient of
output voltage is less than 100ppm/℃。
High-gain differential error amplifier guarantees stable output voltage at difference input voltage
and load. In order to reduce ripple and noise, the error amplifier is designed with high band-with.
ACE705 has a drive pin (EXT) for external transistor. So it is possible to load a large output current with
a power transistor and a low saturation voltage. At very light load condition, the switch current and
quiescent current of chip will effect efficiency certainly. So in very light load condition, the efficiency will
drop. Therefore, it is recommended that user use ACE705 in the condition of load current as large as
several tens of mA to several hundreds of mA
Selection of the External Components
Thus it can be seen, the inductor, schottky diode and external NMOSFET or NPN transistor.
affect the conversion efficiency greatly. The inductor and the capacitor also have great influence
on the output voltage ripple of the converter. So it is necessary to choose a suitable inductor, a
capacitor, an external NMOSFET or NPN transistor and a right schottky diode, to obtain high
efficiency and low ripple.
Before discussion,we define D≡Vout-Vin / Vout
(1)Inductor Selection
Above all, we should define the minimum value of the inductor that can ensure the boost DC-DC to
operate in the continuous current-mode condition.
Lmin≧D(1-D)
2R
L / 2f
The above expression is got under conditions of continuous current mode, neglect Schottky diode
’s
voltage, ESR of both inductor and capacitor. The actual value is greater that it. If inductor
’s value is less
than Lmin,the efficiency of DC-DC converter will drop greatly, and the DC-DC circuit will not be stable.
Secondly, consider the ripple of the output voltage,
ΔI=D•Vin / Lf
Im ax=Vin / (1-D)
2R
L + DVin / 2Lf
If inductor value is too small, the current ripple through it will be great. Then the current through diode
and power switch will be great. Because the power switch on chip is not ideal switch, the energy of switch
will improve. The efficiency will fall.
Thirdly,in general, smaller inductor values supply more output current while larger values start up with
lower input voltage and acquire high efficiency.


同様の部品番号 - ACE705125BN+H

メーカー部品番号データシート部品情報
logo
ACE Technology Co., LTD...
ACE705125BN++ ACE-ACE705125BN+ Datasheet
656Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
More results

同様の説明 - ACE705125BN+H

メーカー部品番号データシート部品情報
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705 Datasheet
656Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8530C BELLING-BL8530C Datasheet
267Kb / 13P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, MULTI-FUNTION STEP-UP DC/DC CONTROLLER
logo
Richtek Technology Corp...
RT9263 RICHTEK-RT9263 Datasheet
196Kb / 10P
   HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
RT9262 RICHTEK-RT9262_07 Datasheet
142Kb / 10P
   High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9262 RICHTEK-RT9262 Datasheet
110Kb / 12P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
RT9263 RICHTEK-RT9263_07 Datasheet
116Kb / 8P
   High Efficiency, Low Supply Current, Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Silicon Standard Corp.
SS6628 SSC-SS6628 Datasheet
554Kb / 7P
   High-Efficiency Step-Up DC/DC Controller
logo
Analog Intergrations Co...
AIC1630A AIC-AIC1630A Datasheet
181Kb / 9P
   HIGH-EFFICIENCY STEP-UP DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com