データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACE714 データシート(PDF) 5 Page - ACE Technology Co., LTD.

部品番号 ACE714
部品情報  High Efficiency Low Noise PFM Step-up DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACE [ACE Technology Co., LTD.]
ホームページ  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE714 データシート(HTML) 5 Page - ACE Technology Co., LTD.

  ACE714_12 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE714_12 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE714_12 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE714_12 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE714_12 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE714_12 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE714_12 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE714_12 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE714_12 Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ACE714
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
5
Typical Performance Characteristics
Application Information
Dimming Control
1.Using a PWM Signal to CE Pin
When adding the PWM signal to CE pin, the ACE714 is turned on or off by the PWM signal, so the
LEDs operate at either zero or full current. The average LED current increase proportionally with the
duty cycle of the PWM signal. The frequency range of the PWM signal is from 1 kHz to 300KHz.
2.Using a DC Voltage
From the Figure 2, we can add a DC voltage to FB pin, we adjust the LED current by changing the DC
voltage, which control the brightness, DC voltage range is from 0V to 2V.


同様の部品番号 - ACE714_12

メーカー部品番号データシート部品情報
logo
ACE Technology Co., LTD...
ACE714B ACE-ACE714B Datasheet
522Kb / 5P
   Step-up DC/DC Converter Backlight Driver
VER 1.2
ACE714C ACE-ACE714C Datasheet
630Kb / 9P
   Max. 3MHz, Variable Frequency Step-up DC/DC Converter
VER 1.2
ACE714GM+H ACE-ACE714GM+H Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
More results

同様の説明 - ACE714_12

メーカー部品番号データシート部品情報
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE77LE9 ACE-ACE77LE9 Datasheet
539Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8531 BELLING-BL8531 Datasheet
331Kb / 10P
   High Efficiency Low Noise PFM Step-up DC-DC Converter
BL8534 BELLING-BL8534 Datasheet
175Kb / 11P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701 Datasheet
354Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
ACE701 ACE-ACE701_12 Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8505 BELLING-BL8505 Datasheet
1Mb / 10P
   High Efficiency PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93 ELM-TECH-ELM93 Datasheet
1Mb / 8P
   High efficiency PFM step-up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com