データシートサーチシステム |
|
ACE111733XM+H データシート(PDF) 4 Page - ACE Technology Co., LTD. |
|
ACE111733XM+H データシート(HTML) 4 Page - ACE Technology Co., LTD. |
4 / 8 page ACE1117 1A Positive Voltage Regulators VER 1.4 4 Input Capacitor An input capacitor of 10μF is recommended. Ceramic or Tantalum can be used. The value can be increased without upper limit. Output Capacitor An output capacitor of 22uF is recommended for better transient and PSRR performance. It should be placed no more than 1 cm away from the VOUT pin, and connected directly between VOUT and GND pins. The value may be increased without upper limit. Thermal Considerations It is important that the thermal limit of the package is not exceeded. The ACE1117 has built-in thermal protection. When the thermal limit is exceeded, the IC will enter protection, and VOUT will be pulled to ground. The power dissipation for a given application can be calculated as following: The power dissipation (PD) is PD = IOUT * [VIN – VOUT] The thermal limit of the package is then limited to PD(MAX) = [TJ – TA]/ΘJA where TJ is the junction temperature, TA is the ambient temperature, and ΘJA is around 180°C/W for ACE1117. ACE1117 is designed to enter thermal protection at 175°C. For example, if TA is 25°C then the maximum PD is limited to about 0.83W. In other words, if IOUT(MAX) = 500mA, then [VIN – VOUT] can not exceed 1.66V. (Ref. SOT-223 without heat sink.) Typical Performance Characteristic Reference Voltage vs Junction Temperature Output Voltage vs Junction Temperature Junction Temperature (℃) Junction Temperature (℃) |
同様の部品番号 - ACE111733XM+H |
|
同様の説明 - ACE111733XM+H |