データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACE2342 データシート(PDF) 1 Page - ACE Technology Co., LTD.

部品番号 ACE2342
部品情報  N-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACE [ACE Technology Co., LTD.]
ホームページ  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2342 データシート(HTML) 1 Page - ACE Technology Co., LTD.

  ACE2342 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2342 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2342 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2342 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2342 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2342 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE2342 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE2342 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE2342
N-Channel Enhancement Mode MOSFET
VER 1.3
1
Description
The ACE2342 is the N-Channel logic enhancement mode power field effect transistors are produced
using high cell density , DMOS trench technology. This high density process is especially tailored to
minimize on-state resistance. These devices are particularly suited for low voltage application such as
cellular phone and notebook computer power management and other battery powered circuits, and low
in-line power loss are needed in a very small outline surface mount package.
Features
20V/5.0A,R
DS(ON)
= 35mΩ@VGS=4.5V
20V/4.5A,R
DS(ON)
= 40mΩ@VGS=2.5V
20V/4.0A,R
DS(ON)
= 48mΩ@VGS=1.8V
Super high density cell design for extremely low R
DS(ON)
Exceptional on-resistance and maximum DC current capability
Application
Power Management in Note book
Portable Equipment
Battery Powered System
DC/DC Converter
Load Switch
DSC
LCD Display inverter
Absolute Maximum Ratings
(TA=25℃ Unless otherwise noted)
Parameter
Symbol Typical Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (TJ=150℃)
TA=25℃
ID
4.0
A
TA=70℃
3.0
Pulsed Drain Current
IDM
13
A
Continuous Source Current (Diode Conduction)
IS
1.0
A
Power Dissipation
TA=25℃
PD
1.25
W
TA=70℃
0.8
Operating Junction Temperature
TJ
-55/150 ℃
Storage Temperature Range
TSTG
-55/150 ℃
Thermal Resistance-Junction to Ambient
RθJA
140
℃/W


同様の部品番号 - ACE2342

メーカー部品番号データシート部品情報
logo
ACE Technology Co., LTD...
ACE2341 ACE-ACE2341 Datasheet
272Kb / 8P
   P-Channel Enhancement Mode MOSFET
VER 1.2
ACE2341 ACE-ACE2341 Datasheet
601Kb / 7P
   P-Channel Enhancement Mode MOSFET
VER 1.3
ACE2341B ACE-ACE2341B Datasheet
968Kb / 6P
   P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
ACE2341BM+H ACE-ACE2341BM+H Datasheet
601Kb / 7P
   P-Channel Enhancement Mode MOSFET
VER 1.3
ACE2341 ACE-ACE2341_12 Datasheet
601Kb / 7P
   P-Channel Enhancement Mode MOSFET
VER 1.3
More results

同様の説明 - ACE2342

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com